Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG736 Datasheet (PDF) - Analog Devices

ADG736 Datasheet PDF - Analog Devices
Part # ADG736
Download  ADG736 Download
File Size   99.85 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm Dual SPDT Switch

ADG736 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG736 Datasheet PDF - Analog Devices

Part # ADG736
Download  ADG736 Click to download

File Size   99.85 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm Dual SPDT Switch

ADG736 Datasheet (HTML) - Analog Devices


ADG736 Product details

GENERAL DESCRIPTION
The ADG736 is a monolithic device comprising two independently selectable CMOS single pole, double throw (SPDT) switches. These switches are designed using a submicron process that provides low power dissipation yet gives high switching speed, low on resistance, low leakage currents, and wide input signal bandwidth.

FEATURES
   1.8 V to 5.5 V single supply
   Automotive temperature range: −40°C to +125°C
   2.5 Ω (typical) on resistance
   Low on resistance flatness
   −3 dB bandwidth > 200 MHz
   Rail-to-rail operation
   10-lead MSOP package
   Fast switching times
      tON: 16 ns
      tOFF: 8 ns
   Typical power consumption (<0.01 μW)
   TTL-/CMOS-compatible
   Qualified for automotive applications

APPLICATIONS
   USB 1.1 signal switching circuits
   Cell phones
   PDAs
   Battery-powered systems
   Communications systems
   Sample-and-hold systems
   Audio signal routing
   Audio and video switching
   Mechanical reed relay replacement




Similar Part No. - ADG736

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736BRM AD-ADG736BRM Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736BRM-REEL AD-ADG736BRM-REEL Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736BRM-REEL7 AD-ADG736BRM-REEL7 Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
Rev. D
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
More results


Similar Description - ADG736

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719 Datasheet
117Kb / 8P
CMOS Low Voltage 4 ohm SPDT Switch
REV.A
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
0.35 OHM Low-Voltage Dual SPDT Analog Switch
01-Nov-04
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
0.25-OHM Low-Voltage Dual SPDT Analog Switch
24-Jan-05
logo
Analog Devices
ADG736L AD-ADG736L Datasheet
269Kb / 12P
CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Analog Microelectronics
AME4621 AME-AME4621 Datasheet
70Kb / 12P
1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
0.5(OHM) Low-Voltage Dual SPDT Analog Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com