Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON6520 Datasheet (PDF) - Alpha & Omega Semiconductors

AON6520 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON6520
Download  AON6520 Download
File Size   254.3 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON6520 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON6520 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON6520
Download  AON6520 Click to download

File Size   254.3 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON6520 Datasheet (HTML) - Alpha & Omega Semiconductors


AON6520 Product details

General Description
The AON6520 uses advanced trench technology to provide excellent RDS(ON), low gate charge.This device is suitable for use as a high side switch in SMPS and general purpose applications.

Product Summary
    VDS                                    30V
    ID (at VGS=10V)                 50A
    RDS(ON) (at VGS=10V)  < 8.5mΩ
    RDS(ON) (at VGS=4.5V) < 11mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON6520

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6522 AOSMD-AON6522 Datasheet
286Kb / 6P
25V N-Channel AlphaMOS
AON6524 AOSMD-AON6524 Datasheet
462Kb / 6P
30V N-Channel AlphaMOS
AON6526 AOSMD-AON6526 Datasheet
311Kb / 6P
30V N-Channel AlphaMOS
AON6528 AOSMD-AON6528 Datasheet
363Kb / 6P
30V N-Channel AlphaMOS
More results


Similar Description - AON6520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com