Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG758 Datasheet (PDF) - Analog Devices

ADG758 Datasheet PDF - Analog Devices
Part # ADG758
Download  ADG758 Download
File Size   308.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package

ADG758 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG758 Datasheet PDF - Analog Devices

Part # ADG758
Download  ADG758 Click to download

File Size   308.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package

ADG758 Datasheet (HTML) - Analog Devices


ADG758 Product details

GENERAL DESCRIPTION
The ADG758 and ADG759 are low voltage, CMOS analog multiplexers comprising eight single channels and four differential channels, respectively. The ADG758 switches one of eight inputs (S1–S8) to a common output, D, as determined by the 3-bit binary address lines A0, A1, and A2. The ADG759 switches one of four differential inputs to a common differential output as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched OFF.

FEATURES
    1.8 V to 5.5 V Single Supply
    2.5 V Dual Supply
    3 Ω ON Resistance
    0.75 Ω ON Resistance Flatness
    100 pA Leakage Currents
    14 ns Switching Times
    Single 8-to-1 Multiplexer ADG758
    Differential 4-to-1 Multiplexer ADG759
    20-Lead 4 mm x 4 mm Chip Scale Package
    Low Power Consumption
    TTL-/CMOS-Compatible Inputs
    For Functionally Equivalent Devices in 16-Lead TSSOP Package, See ADG708/ADG709

APPLICATIONS
    Data Acquisition Systems
    Communication Systems
    Relay Replacement
    Audio and Video Switching
    Battery-Powered Systems




Similar Part No. - ADG758

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG758 AD-ADG758 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758BCPZ AD-ADG758BCPZ Datasheet
359Kb / 12P
3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758BCPZ-REEL7 AD-ADG758BCPZ-REEL7 Datasheet
359Kb / 12P
3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
More results


Similar Description - ADG758

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708 AD-ADG708 Datasheet
142Kb / 12P
CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
REV.0
ADG781 AD-ADG781 Datasheet
169Kb / 8P
2.5 ohm Quad SPST Switches in Chip Scale Package
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
Analog Devices
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
4 / 8 Channel Analog Multiplexers
logo
ON Semiconductor
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
Analog Devices
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com