Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG781 Datasheet (PDF) - Analog Devices

ADG781 Datasheet PDF - Analog Devices
Part # ADG781
Download  ADG781 Download
File Size   169.99 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 ohm Quad SPST Switches in Chip Scale Package

ADG781 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG781 Datasheet PDF - Analog Devices

Part # ADG781
Download  ADG781 Click to download

File Size   169.99 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 ohm Quad SPST Switches in Chip Scale Package

ADG781 Datasheet (HTML) - Analog Devices


ADG781 Product details

GENERAL DESCRIPTION
The ADG781, ADG782, and ADG783 are monolithic CMOS devices containing four independently selectable switches. These switches are designed on an advanced submicron process that provides low power dissipation and high switching speed, low on resistance, low leakage currents and high bandwidth.
   
FEATURES
    1.8 V to 5.5 V Single Supply
    Low On Resistance (2.5 Ω Typ)
    Low On-Resistance Flatness (0.5 Ω)
    –3 dB Bandwidth > 200 MHz
    Rail-to-Rail Operation
    20-Lead 4 mm x 4 mm Chip Scale Package
    Fast Switching Times
        tON = 16 ns
        tOFF = 10 ns
    Typical Power Consumption (< 0.01 μW)
    TTL/CMOS Compatible
    For Functionally Equivalent Devices in 16-Lead TSSOP
        and SOIC Packages, See ADG711/ADG712/ADG713
   
APPLICATIONS
    Battery Powered Systems
    Communication Systems
    Sample Hold Systems
    Audio Signal Routing
    Video Switching
    Mechanical Reed Relay Replacement
   




Similar Part No. - ADG781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG781 AD-ADG781_15 Datasheet
172Kb / 9P
Quad SPST Switches in Chip Scale Package
REV. C
More results


Similar Description - ADG781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG711 AD-ADG711 Datasheet
119Kb / 8P
CMOS Low Voltage 4 ohm Quad SPST Switches
REV.0
ADG786 AD-ADG786 Datasheet
144Kb / 12P
2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV.0
logo
Maxim Integrated Produc...
MAX4601 MAXIM-MAX4601 Datasheet
194Kb / 12P
2.5?? Quad, SPST, CMOS Analog Switches
Rev 0; 1/99
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
Analog Devices
ADG788BCPZ AD-ADG788BCPZ Datasheet
175Kb / 11P
2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG781 AD-ADG781_15 Datasheet
172Kb / 9P
Quad SPST Switches in Chip Scale Package
REV. C
ADG782 AD-ADG782_15 Datasheet
172Kb / 9P
Quad SPST Switches in Chip Scale Package
REV. C
ADG783 AD-ADG783_15 Datasheet
172Kb / 9P
Quad SPST Switches in Chip Scale Package
REV. C
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
SPDT Switches in Chip Scale Packages
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com