Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON7410 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7410 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7410
Download  AON7410 Download
File Size   201.96 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON7410 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7410 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7410
Download  AON7410 Click to download

File Size   201.96 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON7410 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7410 Product details

General Description
The AON7410 uses advanced trench technology and design to provide excellent RDS(ON) with low gate charge. This device is suitable for use in DC - DC converters and Load Switch applications.

Features
   VDS (V) = 30V
   ID = 24A (VGS = 10V)
   RDS(ON) < 20mΩ (VGS = 10V)
   RDS(ON) < 26mΩ (VGS = 4.5V)

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AON7410

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AON7410 VBSEMI-AON7410 Datasheet
1,020Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AON7410 DOINGTER-AON7410 Datasheet
597Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - AON7410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com