Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1072 Datasheet (PDF) - Analog Devices

ADM1072 Datasheet PDF - Analog Devices
Part # ADM1072
Download  ADM1072 Download
File Size   88.15 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, USB 2.0 Full/Standby Power Controller with Supply Steering

ADM1072 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1072 Datasheet PDF - Analog Devices

Part # ADM1072
Download  ADM1072 Click to download

File Size   88.15 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, USB 2.0 Full/Standby Power Controller with Supply Steering

ADM1072 Datasheet (HTML) - Analog Devices


ADM1072 Product details

GENERAL DESCRIPTION
The ADM1072 is a logic controlled, dual P-channel switch with low on resistance and a built-in current limiter, capable of sourcing up to 1A from supply voltages between 2.7V and 5.5V. In addition to logic inputs that switch each channel on and off, the device has a standby input that switches the output current limit, making it ideal for use with USB peripherals. In normal operating mode and Standby mode the output current is typically limited to 500mA and 100mA respectively, as outlined by the USB2.0 Specification. This allows the system power supply to be protected against short-circuits and surge currents in peripheral USB devices powered via the ADM1072.

FEATURES
   500mA Load Current (100mA in Standby Mode)
   135mΩ On Resistance
   Switchable Current Limit
   50µA Typical Quiescent Current
   10nA Typical Shutdown Current
   40nA Typical Switch Off Leakage
   Short-Circuit Protection
   Thermal Shutdown
   FLT Outputs
   Small, 16-Pin QSOP Package

APPLICATIONS
   Desktop Computers
   Palmtop Computers
   Notebook Computers
   Hand-Held Instruments
   Universal Serial Bus (USB)




Similar Part No. - ADM1072

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1072 AD-ADM1072_15 Datasheet
86Kb / 8P
Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Rev. PrE 1/02
More results


Similar Description - ADM1072

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
Dual USB Port Power Supply Controller
October 22, 2010
logo
Analog Devices
ADM1072 AD-ADM1072_15 Datasheet
86Kb / 8P
Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Rev. PrE 1/02
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
USB Dual Port Power Supply Controller
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
Dual USB Port Power Supply Controller
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
logo
Renesas Technology Corp
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
USB Dual Port Power Supply Controller
Aug 10, 2001
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com