Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON7528 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7528 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7528
Download  AON7528 Download
File Size   267.59 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON7528 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7528 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7528
Download  AON7528 Click to download

File Size   267.59 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON7528 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7528 Product details

General Description
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• ESD protection
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters

Product Summary
    VDS                                               30V
    ID (at VGS=10V)                           50A
    RDS(ON) (at VGS=10V)            < 2mΩ
    RDS(ON) (at VGS = 4.5V)         < 3.4mΩ
   
    Typical ESD protection          HBM Class 2

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON7528

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7520 AOSMD-AON7520 Datasheet
102Kb / 3P
Plastic Encapsulated Device
logo
VBsemi Electronics Co.,...
AON7520 VBSEMI-AON7520 Datasheet
1,020Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AON7522E AOSMD-AON7522E Datasheet
276Kb / 6P
30V N-Channel AlphaMOS
AON7524 AOSMD-AON7524 Datasheet
87Kb / 1P
DFN 3X3 PACKAGE MARKING DESCRIPTION
AON7524L AOSMD-AON7524L Datasheet
87Kb / 1P
DFN 3X3 PACKAGE MARKING DESCRIPTION
More results


Similar Description - AON7528

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
30V N-Channel AlphaMOS
AON6360 AOSMD-AON6360 Datasheet
273Kb / 6P
30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
30V N-Channel AlphaMOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com