Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW480 Datasheet (PDF) - Alpha & Omega Semiconductors

AOW480 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOW480
Download  AOW480 Download
File Size   372.36 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V N-Channel MOSFET

AOW480 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOW480 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOW480
Download  AOW480 Click to download

File Size   372.36 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 80V N-Channel MOSFET

AOW480 Datasheet (HTML) - Alpha & Omega Semiconductors


AOW480 Product details

General Description
The AOW480 is fabricated with SDMOS™ trench technology that combines excellent RDS(ON) with low gate charge & low Qrr.The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.

Product Summary
   VDS                                        80V
   ID (at VGS=10V)                    180A
   RDS(ON) (at VGS=10V)        < 4.5mΩ
   RDS(ON) (at VGS = 7V)        < 5.5mΩ
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOW480

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW480 ISC-AOW480 Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOW480

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
80V N-Channel MOSFET
FQPF17N08 FAIRCHILD-FQPF17N08 Datasheet
600Kb / 8P
80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
80V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com