Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOWF4N60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOWF4N60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOWF4N60
Download  AOWF4N60 Download
File Size   307.73 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V,4A N-Channel MOSFET

AOWF4N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOWF4N60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOWF4N60
Download  AOWF4N60 Click to download

File Size   307.73 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V,4A N-Channel MOSFET

AOWF4N60 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOWF4N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOWF412 AOSMD-AOWF412 Datasheet
502Kb / 7P
100V N-Channel MOSFET
AOWF4S60 AOSMD-AOWF4S60 Datasheet
290Kb / 6P
600V 4A a MOS TM Power Transistor
More results


Similar Description - AOWF4N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
600V, 4A N-Channel MOSFET
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
600V,4A N-Channel MOSFET
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
600V, 4A, N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOD4C60 AOSMD-AOD4C60 Datasheet
262Kb / 6P
600V, 4A- N-Channel MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD4T60P AOSMD-AOD4T60P Datasheet
494Kb / 6P
600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
600V 4A N-Channel MOSFET
Revision:20170701-P1
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com