Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1036 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1036 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1036
Download  AOZ1036 Download
File Size   677.34 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??5A Synchronous Buck Regulator

AOZ1036 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1036 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1036
Download  AOZ1036 Click to download

File Size   677.34 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??5A Synchronous Buck Regulator

AOZ1036 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1036 Product details

General Description

The AOZ1036 is a high efficiency, easy to use, 5A synchronous buck regulator. The AOZ1036 works from 4.5V to 18V input voltage range, and provides up to 5A of continuous output current with an output voltage adjustable down to 0.8V.

The AOZ1036 comes in both a 5x4 DFN-8 and an exposed pad SO-8 package and is rated over a

-40°C to +85°C ambient temperature range.



Features

4.5V to 18V operating input voltage range

Synchronous Buck: 55mΩ internal high-side switch and 19mΩ Internal low-side switch

High efficiency: up to 95%

Internal soft start

Output voltage adjustable to 0.8V

5A continuous output current

Fixed 500kHz PWM operation

Cycle-by-cycle current limit

Pre-bias start-up

Short-circuit protection

Thermal shutdown

Thermally enhanced 5x4 DFN-8 and exposed pad SO-8 packages



Applications

Point of load DC/DC converters

LCD TV

Set top boxes

DVD / Blu-ray players/recorders

Cable modems

PCIe graphics cards




Similar Part No. - AOZ1036

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1036PI AOSMD-AOZ1036PI Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
More results


Similar Description - AOZ1036

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094DI AOSMD-AOZ1094DI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1036PI AOSMD-AOZ1036PI Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1037PI AOSMD-AOZ1037PI Datasheet
588Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1037PI-01 AOSMD-AOZ1037PI-01 Datasheet
925Kb / 14P
EZBuck™ 5A Synchronous Buck Regulator
Rev. 0.2 February 2012
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com