Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1037PI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1037PI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1037PI
Download  AOZ1037PI Download
File Size   588.13 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??5A Synchronous Buck Regulator

AOZ1037PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1037PI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1037PI
Download  AOZ1037PI Click to download

File Size   588.13 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??5A Synchronous Buck Regulator

AOZ1037PI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1037PI Product details

General Description
The AOZ1037 is a high efficiency, simple to use, 5A synchronous buck regulator. The AOZ1037 works from a 4.5V to 18V input voltage range, and provides up to 5A of continuous output current with an output voltage adjustable down to 0.8V.
The AOZ1037 comes in an exposed pad SO-8 packages and is rated over a -40°C to +85°C ambient temperature range.

Features
● 4.5 to 18V operating input voltage range
● Synchronous rectification: 55mΩ internal high-side switch and 19mΩ Internal low-side switch
● High efficiency: up to 95%
● Internal soft start
● Active high power good state
● Output voltage adjustable to 0.8V
● 5A continuous output current
● Fixed 500kHz PWM operation
● Cycle-by-cycle current limit
● Pre-bias start-up
● Short-circuit protection
● Thermal shutdown
● Exposed pad SO-8 package

Applications
● Point of load DC/DC conversion
● LCD TVs
● Set top boxes
● DVD / Blu-ray players/recorders
● Cable modems
● PCIe graphics cards
● Telecom/Networking/Datacom equipment




Similar Part No. - AOZ1037PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1037PI-01 AOSMD-AOZ1037PI-01 Datasheet
925Kb / 14P
EZBuck™ 5A Synchronous Buck Regulator
Rev. 0.2 February 2012
More results


Similar Description - AOZ1037PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1094DI AOSMD-AOZ1094DI Datasheet
813Kb / 19P
EZBuck??5A Simple Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1036PI AOSMD-AOZ1036PI Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1037PI-01 AOSMD-AOZ1037PI-01 Datasheet
925Kb / 14P
EZBuck™ 5A Synchronous Buck Regulator
Rev. 0.2 February 2012
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com