Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1615 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1615 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1615
Download  AOZ1615 Download
File Size   832.93 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 1.5A/3MHz Buck Regulator

AOZ1615 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1615 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1615
Download  AOZ1615 Click to download

File Size   832.93 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 1.5A/3MHz Buck Regulator

AOZ1615 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOZ1615

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1605 AOSMD-AOZ1605 Datasheet
1Mb / 15P
500 mA / 3 MHz EZBuck Regulator
AOZ1606 AOSMD-AOZ1606 Datasheet
939Kb / 14P
500 mA / 3 MHz EZBuck Regulator
More results


Similar Description - AOZ1615

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
1.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1015 AOSMD-AOZ1015 Datasheet
722Kb / 15P
EZBuck??1.5A Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
1.5A Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
3MHz, 3A Synchronous Buck Regulator
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
3MHz, 2A Triple Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
1.5MHz, 1.5A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com