Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2179 Datasheet (PDF) - Micrel Semiconductor

MIC2179 Datasheet PDF - Micrel Semiconductor
Part # MIC2179
Download  MIC2179 Download
File Size   131.2 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5A Synchronous Buck Regulator

MIC2179 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2179 Datasheet PDF - Micrel Semiconductor

Part # MIC2179
Download  MIC2179 Click to download

File Size   131.2 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.5A Synchronous Buck Regulator

MIC2179 Datasheet (HTML) - Micrel Semiconductor


MIC2179 Product details

General Description
The Micrel MIC2179 is a 200kHz synchronous buck (stepdown) switching regulator designed for high-efficiency, battery-powered applications.
The MIC2179 operates from a 4.5V to 16.5V input and features internal power MOSFETs that can supply up to 1.5A output current. It can operate with a maximum duty cycle of 100% for use in low-dropout conditions. It also features a shutdown mode that reduces quiescent current to less than 5µA.

Features
• 4.5V to 16.5V input voltage range
• Dual-mode operation for high efficiency (up to 96%)
    PWM mode for > 150mA load current
    Skip mode for <150mA load current
• 150mΩ internal power MOSFETs at 12V input
• 200kHz preset switching frequency
• Low quiescent current
    1.0mA in PWM mode
    600µA in skip mode
    < 5µA in shutdown mode
• Current-mode control
    Simplified loop compensation
    Superior line regulation
• 100% duty cycle for low dropout operation
• Current limit
• Thermal shutdown
• Undervoltage lockout

Applications
• High-efficiency, battery-powered supplies
• Buck (step-down) dc-to-dc converters
• Cellular telephones
• Laptop computers
• Hand-held instruments
• Battery Charger




Similar Part No. - MIC2179

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179-3.3BSM MICREL-MIC2179-3.3BSM Datasheet
375Kb / 13P
1.5A Synchronous Buck Regulator
MIC2179-3.3YSM MICREL-MIC2179-3.3YSM Datasheet
375Kb / 13P
1.5A Synchronous Buck Regulator
MIC2179-5.0BSM MICREL-MIC2179-5.0BSM Datasheet
375Kb / 13P
1.5A Synchronous Buck Regulator
MIC2179-5.0YSM MICREL-MIC2179-5.0YSM Datasheet
375Kb / 13P
1.5A Synchronous Buck Regulator
MIC2179BSM MICREL-MIC2179BSM Datasheet
375Kb / 13P
1.5A Synchronous Buck Regulator
More results


Similar Description - MIC2179

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
National Semiconductor ...
LM2652 NSC-LM2652 Datasheet
473Kb / 3P
1.5A, Dual High Performance Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1015 AOSMD-AOZ1015 Datasheet
722Kb / 15P
EZBuck??1.5A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
1.5A Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
1.5A/3MHz Buck Regulator
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
1.5MHz, 1.5A Synchronous Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com