Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF327 Datasheet (PDF) - Analog Devices

ADMCF327 Datasheet PDF - Analog Devices
Part # ADMCF327
Download  ADMCF327 Download
File Size   253.94 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28-Lead Flash Memory DSP Switched Reluctance Motor Controller

ADMCF327 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMCF327 Datasheet PDF - Analog Devices

Part # ADMCF327
Download  ADMCF327 Click to download

File Size   253.94 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28-Lead Flash Memory DSP Switched Reluctance Motor Controller

ADMCF327 Datasheet (HTML) - Analog Devices


ADMCF327 Product details

TARGET APPLICATIONS

Washing Machines, Refrigerator Compressors, Fans,

Pumps, Industrial Variable Speed Drives



MOTOR TYPE

Switched Reluctance Motors (SR)



FEATURES

20 MIPS Fixed-Point DSP Core

  Single Cycle Instruction Execution (50 ns)

  ADSP-21xx Family Code Compatible

  Independent Computational Units

   ALU

   Multiplier/Accumulator

   Barrel Shifter

  Multifunction Instructions

  Single Cycle Context Switch

  Powerful Program Sequencer

   Zero Overhead Looping

   Conditional Instruction Execution

  Two Independent Data Address Generators

Memory Configuration

  512  24-Bit Program Memory RAM

  512  16-Bit Data Memory RAM

  4K  24-Bit Program Memory ROM

  4K  24-Bit Program Flash Memory

   Three Independent Programmable Sectors

   Security Lock Bit

   10K Erase/Program Cycles




Similar Part No. - ADMCF327

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
More results


Similar Description - ADMCF327

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
28-Lead ROM-Based DSP Motor Controller
REV.A
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
28-Lead ROM-Based DSP Motor Controller with Current Sense
REV.B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF328-EVALKIT AD-ADMCF328-EVALKIT Datasheet
999Kb / 36P
28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
28-Lead ROM-Based DSP Motor Controller
REV. C
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF328 AD-ADMCF328_15 Datasheet
999Kb / 36P
28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com