Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF327 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMCF327
Description  28-Lead Flash Memory DSP Switched Reluctance Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF327 Datasheet(HTML) 1 Page - Analog Devices

  ADMCF327 Datasheet HTML 1Page - Analog Devices ADMCF327 Datasheet HTML 2Page - Analog Devices ADMCF327 Datasheet HTML 3Page - Analog Devices ADMCF327 Datasheet HTML 4Page - Analog Devices ADMCF327 Datasheet HTML 5Page - Analog Devices ADMCF327 Datasheet HTML 6Page - Analog Devices ADMCF327 Datasheet HTML 7Page - Analog Devices ADMCF327 Datasheet HTML 8Page - Analog Devices ADMCF327 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADMCF327
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
28-Lead Flash Memory
DSP Switched Reluctance Motor Controller
FUNCTIONAL BLOCK DIAGRAM
MEMORY BLOCK
PROGRAM
ROM
4K
24
PROGRAM
FLASH
4K
24
PROGRAM
RAM
512
24
DATA
MEMORY
512
16
VREF
6
ANALOG
INPUTS
16-BIT
THREE-
PHASE
PWM
POR
TIMER
SERIAL PORT
SPORT 1
9-BIT
PIO
2
8-BIT
AUX
PWM
WATCH-
DOG
TIMER
ADSP-2100 BASE
ARCHITECTURE
DATA
ADDRESS
GENERATORS
DAG 1 DAG 2
PROGRAM
SEQUENCER
ARITHMETIC UNITS
SHIFTER
MAC
ALU
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
2.5V
TARGET APPLICATIONS
Washing Machines, Refrigerator Compressors, Fans,
Pumps, Industrial Variable Speed Drives
MOTOR TYPE
Switched Reluctance Motors (SR)
FEATURES
20 MIPS Fixed-Point DSP Core
Single Cycle Instruction Execution (50 ns)
ADSP-21xx Family Code Compatible
Independent Computational Units
ALU
Multiplier/Accumulator
Barrel Shifter
Multifunction Instructions
Single Cycle Context Switch
Powerful Program Sequencer
Zero Overhead Looping
Conditional Instruction Execution
Two Independent Data Address Generators
Memory Configuration
512
24-Bit Program Memory RAM
512
16-Bit Data Memory RAM
4K
24-Bit Program Memory ROM
4K
24-Bit Program Flash Memory
Three Independent Programmable Sectors
Security Lock Bit
10K Erase/Program Cycles
Three-Phase 16-Bit PWM Generator
16-Bit Center-Based PWM Generator
Programmable Dead Time and Narrow Pulse Deletion
Edge Resolution to 50 ns
150 Hz Minimum Switching Frequency
Double/Single Duty Cycle Update Mode Control
Programmable PWM Pulsewidth
Special Crossover Function for Brushless DC Motors
Individual Enable and Disable for Each PWM Output
High Frequency Chopping Mode for Transformer
Coupled Gate Drives
External
PWMTRIP Pin
Integrated ADC Subsystem
Six Analog Inputs
Acquisition Synchronized to PWM Switching Frequency
Internal Voltage Reference
9-Pin Digital I/O Port
Bit Configurable as Input or Output
Change of State Interrupt Support
Two 8-Bit Auxiliary PWM Timers
Synthesized Analog Output
Programmable Frequency
0% to 100% Duty Cycle
Two Programmable Operational Modes
Independent Mode/Offset Mode
16-Bit Watchdog Timer
Programmable 16-Bit Internal Timer with Prescaler
Double Buffered Synchronous Serial Port
Hardware Support for UART Emulation
Integrated Power-On Reset Function Options
28-Lead SOIC Package


Similar Part No. - ADMCF327

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
More results

Similar Description - ADMCF327

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
28-Lead ROM-Based DSP Motor Controller
REV.A
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
28-Lead ROM-Based DSP Motor Controller with Current Sense
REV.B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF328-EVALKIT AD-ADMCF328-EVALKIT Datasheet
999Kb / 36P
28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
28-Lead ROM-Based DSP Motor Controller
REV. C
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF328 AD-ADMCF328_15 Datasheet
999Kb / 36P
28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com