Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2809 Datasheet (PDF) - Analog Devices

ADN2809 Datasheet PDF - Analog Devices
Part # ADN2809
Download  ADN2809 Download
File Size   204.33 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multi-Rate to 2.7Gbps Clock and Data Recovery IC with Limiting Amplifier

ADN2809 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2809 Datasheet PDF - Analog Devices

Part # ADN2809
Download  ADN2809 Click to download

File Size   204.33 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multi-Rate to 2.7Gbps Clock and Data Recovery IC with Limiting Amplifier

ADN2809 Datasheet (HTML) - Analog Devices


ADN2809 Product details

PRODUCT DESCRIPTION
The ADN2809 provides the receiver functions of Quantization, Signal Level Detect and Clock and Data Recovery at rates of OC-3, OC-12, Gigabit Ethernet, OC-48 and all FEC rates. All SONET jitter requirements are met, including: Jitter Transfer; Jitter Generation; and Jitter Tolerance. All specifications are quoted for -40 to 85C ambient temperature unless otherwise noted.

FEATURES
   Meets SONET Requirements for Jitter Transfer /
      Generation / Tolerance
   Quantizer Sensitivity: 6 mV typical
      • Adjustable Slice Level: +/- 100 mV
      • 1.9GHz minimum Bandwidth
   Loss of Signal Detect Range: 4mV to 17mV
   Single Reference Clock Frequency for all rates
      Including 15/14 (7%) Wrapper Rate
         • Choice of 19.44, 38.88, 77.76 or
            155.52MHz
   LVPECL / LVDS / LVCMOS / LVTTL compatible
      inputs (LVPECL / LVDS only at 155.52 MHz)
   19.44MHz Crystal Oscillator for Module apps
   Loss of Lock indicator
   Loopback mode for High Speed Test Data
   Output Squelch & Clock Recovery Functions
   Single Supply Operation: 3.3 Volts (+10%)
   Low Power: 780 mW Typical
   Patented Clock Recovery Architecture
   7 x 7 mm 48 pin LFCSP

APPLICATIONS
   SONET OC-3/12/48, SDH STM-1/4/16, and all
      associated FEC rates
   WDM transponders
   SONET/SDH regenerators and test equipment
   Backplane applications




Similar Part No. - ADN2809

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2804 AD-ADN2804 Datasheet
417Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
Rev. D
ADN2804ACPZ AD-ADN2804ACPZ Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2804ACPZ AD-ADN2804ACPZ Datasheet
417Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
Rev. D
ADN2804ACPZ-500RL7 AD-ADN2804ACPZ-500RL7 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
More results


Similar Description - ADN2809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com