Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2809 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2809
Description  Multi-Rate to 2.7Gbps Clock and Data Recovery IC with Limiting Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2809 Datasheet(HTML) 1 Page - Analog Devices

  ADN2809 Datasheet HTML 1Page - Analog Devices ADN2809 Datasheet HTML 2Page - Analog Devices ADN2809 Datasheet HTML 3Page - Analog Devices ADN2809 Datasheet HTML 4Page - Analog Devices ADN2809 Datasheet HTML 5Page - Analog Devices ADN2809 Datasheet HTML 6Page - Analog Devices ADN2809 Datasheet HTML 7Page - Analog Devices ADN2809 Datasheet HTML 8Page - Analog Devices ADN2809 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REV. PrB Sept 2001
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106,
Norwood, MA 02062-9106 U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
©Analog Devices, Inc., 2001
a
Multi-Rate to 2.7Gbps Clock and Data
Recovery IC with Limiting Amplifier
Preliminary Technical Data
ADN2809
FEATURES
Meets SONET Requirements for Jitter Transfer /
Generation / Tolerance
Quantizer Sensitivity: 6 mV typical
•
Adjustable Slice Level: +/- 100 mV
•
1.9GHz minimum Bandwidth
Loss of Signal Detect Range: 4mV to 17mV
Single Reference Clock Frequency for all rates
Including 15/14 (7%) Wrapper Rate
•
Choice of 19.44, 38.88, 77.76 or
155.52MHz
LVPECL / LVDS / LVCMOS / LVTTL compatible
inputs (LVPECL / LVDS only at 155.52 MHz)
19.44MHz Crystal Oscillator for Module apps
Loss of Lock indicator
Loopback mode for High Speed Test Data
Output Squelch & Clock Recovery Functions
Single Supply Operation: 3.3 Volts (+10%)
Low Power: 780 mW Typical
Patented Clock Recovery Architecture
7 x 7 mm 48 pin LFCSP
APPLICATIONS
SONET OC-3/12/48, SDH STM-1/4/16, and all
associated FEC rates
WDM transponders
SONET/SDH regenerators and test equipment
Backplane applications
PRODUCT DESCRIPTION
The ADN2809 provides the receiver functions of Quantization,
Signal Level Detect and Clock and Data Recovery at rates of
OC-3, OC-12, Gigabit Ethernet, OC-48 and all FEC rates. All
SONET jitter requirements are met, including: Jitter Transfer;
Jitter Generation; and Jitter Tolerance. All specifications are
quoted for -40 to 85C ambient temperature unless otherwise
noted.
The device is intended for WDM system applications and can be
used with either an external reference clock or an on-chip
oscillator crystal. Both native rates and 15/14 rate digital
‘wrappers’ rates are supported by the ADN2809, without any
change of reference clock required.
This device together with a PIN diode and a TIA preamplifier
can implement a highly integrated, low cost, low power fiber
optic receiver.
The receiver front end Signal Detect circuit indicates when the
input signal level has fallen below a user adjustable threshold.
The ADN2809 is available in a compact 48 pin chip scale
package.
Functional Block Diagr am
CF
Loss of lock


Similar Part No. - ADN2809

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2804 AD-ADN2804 Datasheet
417Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
Rev. D
ADN2804ACPZ AD-ADN2804ACPZ Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2804ACPZ AD-ADN2804ACPZ Datasheet
417Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
Rev. D
ADN2804ACPZ-500RL7 AD-ADN2804ACPZ-500RL7 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
More results

Similar Description - ADN2809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com