Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8001DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8001DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8001DI
Download  AOZ8001DI Download
File Size   412.45 Kbytes
Page   10 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode Array

AOZ8001DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8001DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8001DI
Download  AOZ8001DI Click to download

File Size   412.45 Kbytes
Page   10 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode Array

AOZ8001DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8001DI Product details

General Description
The AOZ8001DI is a transient voltage suppressor array designed to protect high speed data lines from ESD and lightning.
This device incorporates four surge rated, low capacitance steering diodes and a TVS in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4. The TVS diodes provide effective suppression of ESD voltages: ±15kV (air discharge) and ±8kV (contact discharge).
The AOZ8001DI comes in a RoHS compliant DFN 1.6mm x 1.6mm package and is rated over a -40°C to +85°C ambient temperature range. It is compatible with both lead free and SnPb assembly techniques.
The very small 1.6mm x 1.6mm DFN package makes it ideal for applications where PCB space is a premium. The DFN has a flow through package design for an optimal and user friendly PCB layout design. The small size, low capacitance and high ESD protection makes it ideal for protecting high speed video and data communication interfaces.

Features
● ESD protection for high-speed data lines:
   – IEC 61000-4-2, level 4 (ESD) immunity test
   – ±15kV (air discharge) and ±8kV (contact discharge)
   – IEC 61000-4-5 (Lightning) 5A (8/20µs)
   – Human Body Model (HBM) ±15kV
● Small package saves board space
● Low insertion loss
● Protects four I/O lines
● Low capacitance from IO to Ground: 1.0pF
● Low clamping voltage
● Low operating voltage: 5.0V
● Pb-free device
● Green product

Applications
● USB 2.0 power and data line protection
● Video graphics cards
● Monitors and flat panel displays
● Digital Video Interface (DVI)
● 10/100/1000 Ethernet
● Notebook computers




Similar Part No. - AOZ8001DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8001A AOSMD-AOZ8001A Datasheet
475Kb / 10P
Ultra-Low Capacitance TVS Diode Array
AOZ8001JI AOSMD-AOZ8001JI Datasheet
89Kb / 4P
Plastic Encapsulated Device
AOZ8001K AOSMD-AOZ8001K Datasheet
462Kb / 10P
Ultra-Low Capacitance TVS Diode Array
AOZ8001KI AOSMD-AOZ8001KI Datasheet
462Kb / 10P
Ultra-Low Capacitance TVS Diode Array
AOZ8001KIL AOSMD-AOZ8001KIL Datasheet
34Kb / 4P
Plastic Encapsulated Device
More results


Similar Description - AOZ8001DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
Ultra-Low Capacitance TVS Diode Array
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC33CT8 LEIDITECH-ULC33CT8 Datasheet
2Mb / 7P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com