Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8001DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ8001DI
Description  Ultra-Low Capacitance TVS Diode Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8001DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ8001DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. 1.0 November 2011
www.aosmd.com
Page 2 of 10
AOZ8001DI
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the device.
Notes:
1. IEC 61000-4-2 discharge with CDischarge = 150pF, RDischarge = 330¾.
2. Human Body Discharge per MIL-STD-883, Method 3015 CDischarge = 100pF, RDischarge = 1.5k¾.
Maximum Operating Ratings
Part Number
Ambient Temperature Range
Package
Environmental
AOZ8001DI
-40°C to +85°C
DFN 1.6 x 1.6
RoHS Compliant
Green Product
1
2
3
6
5
4
CH1
VN
NC
NC
VP
CH2
DFN-6
(Top View)
Parameter
Rating
VP – VN
6V
Peak Pulse Current (IPP), tP = 8/20µs
5A
Storage Temperature (TS)
-65°C to +150°C
ESD Rating per IEC61000-4-2, Contact(1)
±8kV
ESD Rating per IEC61000-4-2, Air(1)
±15kV
ESD Rating per Human Body Model(2)
±15kV
Parameter
Rating
Junction Temperature (TJ)
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com