Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8204DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8204DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8204DI
Download  AOZ8204DI Download
File Size   304.92 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Four-line TVS Diode Array

AOZ8204DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8204DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8204DI
Download  AOZ8204DI Click to download

File Size   304.92 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Four-line TVS Diode Array

AOZ8204DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8204DI Product details

General Description
The AOZ8204 is a transient voltage suppressor diode array designed to protect data lines from high transient conditions and ESD. This state-of-the-art device utilizes AOS leading edge Trench Vertical Structure [TVS]2 ™ technology for superior clamping performance.

Features
● ESD protection for high-speed data lines:
    – Exceeds: IEC 61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
    – Human Body Model (HBM) ±30kV
● Trench Vertical Structure [TVS]2 ™ based technology used to achieve excellent ESD clamping performance
● Small package saves board space
● Low insertion loss
● Protects four unidirectional or two bidirectional I/O lines
● Low clamping voltage
● Low operating voltage: 5.0V

Applications
● Portable handheld devices
● Keypads, data lines
● Notebook computers
● Digital Cameras
● Portable GPS
● MP3 players




Similar Part No. - AOZ8204DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8204 AOSMD-AOZ8204 Datasheet
278Kb / 6P
Four-line TVS Diode Array
AOZ8204KI AOSMD-AOZ8204KI Datasheet
278Kb / 6P
Four-line TVS Diode Array
More results


Similar Description - AOZ8204DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8204 AOSMD-AOZ8204 Datasheet
278Kb / 6P
Four-line TVS Diode Array
AOZ8205DI AOSMD-AOZ8205DI Datasheet
307Kb / 7P
Five-line TVS Diode Array
AOZ8206 AOSMD-AOZ8206 Datasheet
337Kb / 8P
Six-line TVS Diode Array
AOZ8208 AOSMD-AOZ8208 Datasheet
385Kb / 8P
Eight-line TVS Diode Array
AOZ8224 AOSMD-AOZ8224 Datasheet
283Kb / 6P
Four-line Bi-directional TVS Diode
AOZ8234 AOSMD-AOZ8234 Datasheet
287Kb / 6P
Four-line TVS Diode
AOZ8205 AOSMD-AOZ8205 Datasheet
358Kb / 7P
Five-line TVS Diode Array
logo
Applied Power Microelec...
AU0505S6L APMICRO-AU0505S6L Datasheet
715Kb / 4P
5-Line Unidirection TVS Diode Array
AU0533S1 APMICRO-AU0533S1 Datasheet
598Kb / 4P
2-Line TVS Diode Array
logo
TECH PUBLIC Electronics...
ESD5V0B15H-1006 TECHPUBLIC-ESD5V0B15H-1006 Datasheet
1Mb / 4P
15pf 1-Line TVS Diode Array
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com