Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8205DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8205DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8205DI
Download  AOZ8205DI Download
File Size   307.76 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Five-line TVS Diode Array

AOZ8205DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8205DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8205DI
Download  AOZ8205DI Click to download

File Size   307.76 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Five-line TVS Diode Array

AOZ8205DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8205DI Product details

General Description
The AOZ8205 is a transient voltage suppressor (TVS) diode array designed to protect data lines from high transient conditions and ESD. This state-of-the-art device utilizes AOS leading edge Trench Vertical Structure [TVS]2 ™ technology for superior clamping performance.
This device incorporates five TVS diodes in a single package. Due to the flexibility of the design, the package can be configured as a four channel bidirectional TVS array or five channel unidirectional TVA array. During transient conditions, the TVS diodes direct the transient to ground. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (± 15kV air, ±8 kV contact discharge).
The AOZ8205 comes in an RoHS compliant DFN 1.6 mm x 1.6 mm package and is rated over a -40 °C to +85 °C ambient temperature range.
The very small DFN package makes the AOZ8205 ideal for applications where PCB space is a premium. The small size and high ESD protection makes it ideal for protecting high speed video and data communication interfaces.

Features
● ESD protection for high-speed data lines:
   – Exceeds: IEC 61000-4-2 (ESD) ±30 kV (air),
      ±30 kV (contact)
   – Human Body Model (HBM) ±30 kV
● Trench Vertical Structure [TVS]2 ™ based technology
   used to achieve excellent ESD clamping performance
● Small package saves board space
● Low insertion loss
● Protects five unidirectional or four bidirectional I/O lines
● Low clamping voltage
● Low operating voltage: 5.0 V
● Green product, Pb-free

Applications
● Portable handheld devices
● Keypads, data lines
● Notebook computers
● Digital Cameras
● Portable GPS
● MP3 players




Similar Part No. - AOZ8205DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8205 AOSMD-AOZ8205 Datasheet
358Kb / 7P
Five-line TVS Diode Array
More results


Similar Description - AOZ8205DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8204 AOSMD-AOZ8204 Datasheet
278Kb / 6P
Four-line TVS Diode Array
AOZ8204DI AOSMD-AOZ8204DI Datasheet
304Kb / 7P
Four-line TVS Diode Array
AOZ8206 AOSMD-AOZ8206 Datasheet
337Kb / 8P
Six-line TVS Diode Array
AOZ8208 AOSMD-AOZ8208 Datasheet
385Kb / 8P
Eight-line TVS Diode Array
AOZ8235 AOSMD-AOZ8235 Datasheet
291Kb / 6P
Five-line TVS Diode
AOZ8205 AOSMD-AOZ8205 Datasheet
358Kb / 7P
Five-line TVS Diode Array
logo
Yea Shin Technology Co....
YSDA05CW YEASHIN-YSDA05CW Datasheet
959Kb / 3P
Five Lines TVS Diode Array
logo
Shanghai Leiditech Elec...
SMDA05C-5 LEIDITECH-SMDA05C-5 Datasheet
501Kb / 3P
TVS DIODE ARRAY FOR FIVE I/O LINES PROTECTION
SMDA15C-5 LEIDITECH-SMDA15C-5 Datasheet
482Kb / 3P
TVS DIODE ARRAY FOR FIVE I/O LINES PROTECTION
logo
Applied Power Microelec...
AU0533S1 APMICRO-AU0533S1 Datasheet
598Kb / 4P
2-Line TVS Diode Array
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com