Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8205DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ8205DI
Description  Five-line TVS Diode Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8205DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ8205DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8205DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8205DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8205DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8205DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8205DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8205DI Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOZ8205DI
Rev. 1.0 August 2011
www.aosmd.com
Page 2 of 7
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the device.
Notes:
1. IEC 61000-4-2 discharge with CDischarge = 150pF, RDischarge = 330Ω.
2. Human Body Discharge per MIL-STD-883, Method 3015 CDischarge = 100pF, RDischarge = 1.5kΩ.
Maximum Operating Ratings
Electrical Characteristics
TA = 25°C unless otherwise specified. Specifications in BOLD indicate a temperature range of -40°C to +85°C.
Notes:
3. The working peak reverse voltage, VRWM, should be equal to or greater than the DC or continuous peak operating voltage level.
4. VBR is measured at the pulse test current IT.
Part Number
Ambient Temperature Range
Package
Environmental
AOZ8205DI
-40 °C to +85 °C
DFN 1.6 mm x 1.6 mm
Green Product
RoHS Compliant
Parameter
Rating
VP – VN
5 V
Peak Pulse Current (IPP), tP = 8/20 µs
5 A
Storage Temperature (TS)
-65 °C to +150 °C
ESD Rating per IEC61000-4-2, Contact(1)
±30 kV
ESD Rating per IEC61000-4-2, Air(1)
±30 kV
ESD Rating per Human Body Model(2)
±30 kV
Parameter
Rating
Junction Temperature (TJ)
-40 °C to +125 °C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRWM
Reverse Working Voltage
Between pin 5 and 2(3)
5.0
V
VBR
Reverse Breakdown
Voltage
IT = 1 mA, between pins 5 and 2
(4)
6.0
V
IR
Reverse Leakage Current
VRWM = 5 V, between pins 5 and 2
0.1
µA
VF
Diode Forward Voltage
IF = 15 mA
0.70
0.85
1
V
VCL
Channel Clamp Voltage
Positive Transients
Negative Transient
IPP = 15 A, tp = 100 ns, any I/O pin to Ground
7.0
-6.75
V
V
Channel Clamp Voltage
Positive Transients
Negative Transient
IPP = 25 A, tp = 100 ns, any I/O pin to Ground
7.50
-10.25
V
V
Cj
Junction Capacitance
VR = 0V , f = 1 MHz, any I/O pin to Ground
15
17
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com