Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8235 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8235 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8235
Download  AOZ8235 Download
File Size   291.14 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Five-line TVS Diode

AOZ8235 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8235 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8235
Download  AOZ8235 Click to download

File Size   291.14 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Five-line TVS Diode

AOZ8235 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8235 Product details

General Description
The AOZ8235 is a transient voltage suppressor diode array designed to protect data lines from high transient conditions and ESD. This state-of-the-art device utilizes AOS leading edge Trench Vertical Structure [TVS]2 ™ technology for superior clamping performance.
This device incorporates five TVS diodes in a single package. Due to the flexibility of the design, the package can be configured as a four channel bidirectional TVS array. During transient conditions, the TVS diodes direct the transient to ground. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15 kV air, ±8 kV contact discharge).
The AOZ8235 comes in an RoHS compliant DFN package and is rated over a -40 °C to +85 °C ambient temperature range.

Features
 • ESD protection for high-speed data lines:
    – Exceeds: IEC 61000-4-2 (ESD) ±18 kV (air), ±18 kV (contact)
    – Human Body Model (HBM) ±30 kV
 • Trench Vertical Structure [TVS]2 ™ based technology used to achieve excellent ESD clamping performance
 • Small package saves board space
 • Low insertion loss
 • Protects five unidirectional or four bidirectional I/O lines
 • Low clamping voltage
 • Low operating voltage: 5.0V
 • Green product, Pb-free

Applications
 • Portable handheld devices
 • Keypads, data lines
 • Notebook computers
 • Digital cameras
 • Portable GPS
 • MP3 players




Similar Part No. - AOZ8235

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8231 AOSMD-AOZ8231 Datasheet
273Kb / 6P
One-line Bi-directional TVS Diode
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
One-line Bi-directional TVS Diode
AOZ8231ADI AOSMD-AOZ8231ADI Datasheet
320Kb / 5P
One-line Bi-directional TVS Diode
Rev. 6.0 June 2021
AOZ8231ADI-02 AOSMD-AOZ8231ADI-02 Datasheet
348Kb / 7P
one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
AOZ8231ADI-02 AOSMD-AOZ8231ADI-02 Datasheet
320Kb / 5P
One-line Bi-directional TVS Diode
Rev. 6.0 June 2021
More results


Similar Description - AOZ8235

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8205DI AOSMD-AOZ8205DI Datasheet
307Kb / 7P
Five-line TVS Diode Array
AOZ8222DI-05 AOSMD-AOZ8222DI-05 Datasheet
263Kb / 7P
Two-line TVS Diode
AOZ8211DI-05 AOSMD-AOZ8211DI-05 Datasheet
362Kb / 7P
0ne-line TVS Diode
AOZ8205 AOSMD-AOZ8205 Datasheet
358Kb / 7P
Five-line TVS Diode Array
logo
Shenzhen Luguang Electr...
GESD5V0D1 LUGUANG-GESD5V0D1 Datasheet
215Kb / 3P
Single Line TVS Diode
logo
Yea Shin Technology Co....
YSDA05CW YEASHIN-YSDA05CW Datasheet
959Kb / 3P
Five Lines TVS Diode Array
logo
Galaxy Semi-Conductor H...
GESDXVXD3 BILIN-GESDXVXD3 Datasheet
234Kb / 5P
Single Line TVS Diode
Rev.A
SD05 BILIN-SD05 Datasheet
172Kb / 4P
Single Line TVS Diode
Rev.A 1000-4-2
SD24 BILIN-SD24 Datasheet
196Kb / 3P
Single Line TVS Diode
Rev.A
logo
Alpha & Omega Semicondu...
AOZ8211DI AOSMD-AOZ8211DI Datasheet
314Kb / 5P
0ne-line TVS Diode
Rev. 5.0 June 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com