Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3331 Datasheet (PDF) - Analog Devices

ADP3331 Datasheet PDF - Analog Devices
Part # ADP3331
Download  ADP3331 Download
File Size   135.55 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator

ADP3331 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3331 Datasheet PDF - Analog Devices

Part # ADP3331
Download  ADP3331 Click to download

File Size   135.55 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator

ADP3331 Datasheet (HTML) - Analog Devices


ADP3331 Product details

GENERAL DESCRIPTION
The ADP3331 is a member of the ADP330x family of precision low dropout anyCAP voltage regulators. The ADP3331 operates with an input voltage range of 2.6 V to 12 V and delivers a load current up to 200 mA. The ADP3331 stands out from the conventional LDOs with a novel architecture and an enhanced process that enables it to offer performance advantages and higher output current than its competition. Its patented design requires only a 0.47 µF output capacitor for stability. This device is insensitive to capacitor Equivalent Series Resistance (ESR), and is stable with any good quality capacitor, including ceramic (MLCC) types for space restricted applications.

FEATURES
   High Accuracy Over Line and Load: 60.7% @ +258C,
      1.4% Over Temperature
   Ultralow Dropout Voltage: 140 mV (Typ) @ 200 mA
   Can Be Used as a High Current (>1 A) LDO
      Controller
   Requires Only CO = 0.47 mF for Stability
   anyCAP = Stable with Any Type of Capacitor
      (Including MLCC)
   Current and Thermal Limiting
   Low Noise
   Low Shutdown Current: <2 mA
   2.6 V to 12 V Supply Range
   1.5 V to 10 V Output Range
   –408C to +858C Ambient Temperature Range
   Ultrasmall Thermally Enhanced Chip-on-Lead™
      SOT-23-6 Lead Package

APPLICATIONS
   Cellular Telephones
   Notebook, Palmtop Computers
   Battery Powered Systems
   PCMCIA Regulator
   Bar Code Scanners
   Camcorders, Cameras




Similar Part No. - ADP3331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3331 AD-ADP3331 Datasheet
288Kb / 12P
Adjustable Output Ultralow IQ, 200 mA,23, anyCAP Low Dropout Regulator
REV. A
ADP3331ART AD-ADP3331ART Datasheet
288Kb / 12P
Adjustable Output Ultralow IQ, 200 mA,23, anyCAP Low Dropout Regulator
REV. A
ADP3331ART-REEL7 AD-ADP3331ART-REEL7 Datasheet
288Kb / 12P
Adjustable Output Ultralow IQ, 200 mA,23, anyCAP Low Dropout Regulator
REV. A
ADP3331 AD-ADP3331_15 Datasheet
336Kb / 9P
Adjustable Output Ultralow Low Dropout Regulator
REV. B
More results


Similar Description - ADP3331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.A
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3342 AD-ADP3342 Datasheet
165Kb / 8P
Ultralow, IQ, anyCAP Low Dropout Regulator
REV.0
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-2.5-R7 AD-ADP3330ARTZ-2.5-R7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3331ART-REEL7 AD-ADP3331ART-REEL7 Datasheet
288Kb / 12P
Adjustable Output Ultralow IQ, 200 mA,23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-33-RL7 AD-ADP3330ART-33-RL7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-5-RL7 AD-ADP3330ARTZ-5-RL7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com