Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3331 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3331
Description  Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3331 Datasheet(HTML) 6 Page - Analog Devices

  ADP3331 Datasheet HTML 1Page - Analog Devices ADP3331 Datasheet HTML 2Page - Analog Devices ADP3331 Datasheet HTML 3Page - Analog Devices ADP3331 Datasheet HTML 4Page - Analog Devices ADP3331 Datasheet HTML 5Page - Analog Devices ADP3331 Datasheet HTML 6Page - Analog Devices ADP3331 Datasheet HTML 7Page - Analog Devices ADP3331 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
ADP3331
–6–
THEORY OF OPERATION
The new ADP3331 anyCAP LDO uses a single control loop for
both regulation and reference functions as shown in Figure 20.
The output voltage is sensed by an external resistive voltage
divider consisting of R1 and R2. Feedback is taken from this
network by way of a series diode (D1) and a second resistor
divider (R3 and R4) to the input of an amplifier.
PTAT
VOS
gm
NONINVERTING
WIDEBAND
DRIVER
INPUT
Q1
ADP3331
COMPENSATION
CAPACITOR
ATTENUATION
(VBANDGAP/VOUT)
R1
D1
R2
R3
R4
OUTPUT
PTAT
CURRENT
RLOAD
CLOAD
(a)
GND
Figure 20. Functional Block Diagram
A very high gain error amplifier is used to control this loop. The
amplifier is constructed in such a way that at equilibrium it
produces a large, temperature-proportional input “offset voltage”
that is repeatable and very well controlled. The temperature-
proportional offset voltage is combined with the complementary
diode voltage to form a “virtual bandgap” voltage, implicit in
the network, although it never appears explicitly in the circuit.
Ultimately, this patented design makes it possible to control the
loop with only one amplifier. This technique also improves the
noise characteristics of the amplifier by providing more flexibil-
ity on the trade-off of noise sources that leads to a low noise
design.
The R1, R2 divider is chosen in the same ratio as the bandgap
voltage to output voltage. Although the R1, R2 resistor divider
is loaded by the diode D1 and a second divider consisting of R3
and R4, the values are chosen to produce a temperature stable
output. This unique arrangement specifically corrects for the
loading of the divider so that the error resulting from the base
current loading in conventional circuits is avoided.
The patented amplifier controls a new and unique noninverting
driver that drives the pass transistor, Q1. The use of this special
noninverting driver enables the frequency compensation to
include the load capacitor in a pole-splitting arrangement to
achieve reduced sensitivity to the value, type and ESR of the
load capacitor.
Most LDOs place strict requirements on the range of ESR
values for the output capacitor because they are difficult to
stabilize due to the uncertainty of the load capacitance and
resistance. Moreover, the ESR value required to keep conven-
tional LDOs stable, changes depending on load and tempera-
ture. These ESR limitations make designing with LDOs more
difficult because of their unclear specifications and extreme
variations over temperature.
This is no longer true with the ADP3331. It can be used with
any good quality capacitor, with no constraint on the minimum
ESR. The innovative design allows the circuit to be stable with
just a small 0.47
µF capacitor on the output. Additional advan-
tages of the pole-splitting scheme include superior line noise
rejection and very high regulator gain. The high gain leads to
excellent regulation, and
±1.4% accuracy is guaranteed over
line, load and temperature.
Additional features of the circuit include current limit, thermal
shutdown and an error flag. Compared to standard solutions
that give a warning after the output has lost regulation, the
ADP3331 provides improved system performance by enabling
the
ERR pin to give a warning just before the device loses
regulation.
As the chip’s temperature rises above +165
°C, the circuit acti-
vates a soft thermal shutdown to reduce the current to a safe
level. The thermal shutdown condition is indicated by the
ERR
signal going low.
APPLICATION INFORMATION
Capacitor Selection
Output Capacitor: The stability and transient response of the
LDO is a function of the output capacitor. The ADP3331 is
stable with a wide range of capacitor values, types and ESR
(anyCAP). A capacitor as low as 0.47
µF is all that is needed for
stability; larger capacitors can be used if high current surges on
the output are anticipated. The ADP3331 is stable with ex-
tremely low ESR capacitors (ESR
≈ 0), such as Multilayer
Ceramic Capacitors (MLCC) or OSCON. Note that the effec-
tive capacitance of some capacitor types fall below the minimum
over temperature or with DC voltage.
Input Capacitor: An input bypass capacitor is not strictly re-
quired but it is recommended in any application involving long
input wires or high source impedance. Connecting a 0.47
µF
capacitor from the input to ground reduces the circuit’s sensitiv-
ity to PC board layout and input transients. If a larger output
capacitor is necessary, a larger value input capacitor is also
recommended.
Noise Reduction Capacitor: A noise reduction capacitor can be
used to reduce the output noise by 6 dB to 10 dB. This capaci-
tor limits the noise gain when connected between the feedback
pin (FB) and the output pin (OUT) as shown in Figure 21. Low
leakage capacitors in the 10 pF to 500 pF range provide the best
performance. Since FB is internally connected to a high imped-
ance node, any connection to this node should be carefully done
to avoid noise pickup from external sources. The pad connected
to this pin should be as small as possible and long PC board
traces are not recommended. When adding a noise reduction
capacitor, use the following guidelines:
•
Maintain a minimum load current of 1 mA when not in
shutdown
•
For CNR values greater than 500 pF, add a 100 k
Ω series
resistor (RNR).
It is important to note that as CNR increases, the turn-on time
will be delayed. With CNR values greater than 1 nF, this delay
may be on the order of several milliseconds.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com