Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-1003 Datasheet (PDF) - 3M Electronics

PS-1003 Datasheet PDF - 3M Electronics
Part # PS-1003
Download  PS-1003 Download
File Size   527.27 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M PanelSafeTM Lockout System

PS-1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS-1003 Datasheet PDF - 3M Electronics

Part # PS-1003
Download  PS-1003 Click to download

File Size   527.27 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M PanelSafeTM Lockout System

PS-1003 Datasheet (HTML) - 3M Electronics


PS-1003 Product details

Features
■ 16 x 1.5 4.5 - 8.0 5808216 5808250 50
■ 20 x 1.5/13 7.0 - 12.0 5808220 5808251 50
■ 20 x 1.5/16 9.0 - 14.0 5808221 5808252 50
■ 25 x 1.5 11.5 - 18.0 5808225 5808253 20
■ 32 x 1.5 16.0 - 24.5 5808232 5808254 20 Outer thread Clamping range Cat. No. Cat. No. Std. mm Dark Grey Black Pk. PG PG 9 3.5 - 8.5 5507009 5507050 50 PG 11 4.0 - 10.5 5507011 5507051 50 PG 13.5 5.0 - 12.5 5507013 5507052 50 PG 16 6.5 - 14.0 5507016 5507053 50 PG 21 8.0 - 18.5 5507021 5507054 20 PG 29 10.0 - 25.0 5507029 5507055 20 Metric
■ 16 x 1.5 3.5 - 8.5 5507216 5507250 50
■ 20 x 1.5/13 5.0 - 12.5 5507220 5507251 50
■ 20 x 1.5/16 6.5 - 14.0 5507221 5507252 50
■ 25 x 1.5 8.0 - 18.5 5507225 5507253 20
■ 32 x 1.5 10.0 - 25.0 5507232 5507254 20 Material:
■ Body: Polyamide PA 6
■ 25 % Glass fiber Reinforced
■ Seal: Neoprene
■ ECA clamping ring: Polycarbonate Characteristics:
■ PG/Metric thread
■ Extended thread available
■ Strain relief through clamping ring Applications:
■ For explosion endangered areas according to EN 50014 and
■ EN 50019
■ Machines and devices
■ Measuring and control engineering
■ Plant installations Locknuts and seal rings sold separately, see pages 23 and 35. L E PG/M Dome Nut Polyamide Seal Neoprene Body Polyamide ØP ØC H L ØC E PG/M Dome Nut Polyamide Body Polyamide Clamping Polycarbonate Seal Neoprene ØP H Cable Gland / ATEX - Polyamide Temperature Range PA 6 -20 to 55°C (-4 to 131 °F) ECA Clamping Ring (Punch-out Seal) Gland must be mounted with flat seal and lockout. Short Seal Dimensions Thread H E L ØC ØP ØPG/M Size mm mm mm mm mm mm PG9 19 8 32 8.5 9.0 15.2 PG11 22 8 35 11.5 11.0 18.6 PG13.5 24 9 36 12.5 13.5 20.4 PG16 27 10 40 14.5 15.0 22.5 PG21 33 11 44 18.5 19.0 28.3 PG29 42 12 55 25.0 25.0 37.0
■ 16x1.5 19 8 32 8.5 9.0 16.0
■ 20x1.5/13 24 9 36 12.5 13.5 20.0
■ 20x1.5/16 27 9 39 14.5 15.0 20.0
■ 25x1.5 33 11 44 18.5 19.0 25.0
■ 32x1.5 42 12 55 25.0 25.0 32.0 L.C.I.E. ATEX L.C.I.E. ATEX Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com 17




Similar Part No. - PS-1003

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
logo
Brady Worldwide, Inc.
PS-1000-2-WT BRADY-PS-1000-2-WT Datasheet
199Kb / 5P
BRADY B342 PERMASLEEVE MARKER
08/19/2010
logo
Altech corporation
PS-10012 ALTECH-PS-10012 Datasheet
513Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
PS-10015 ALTECH-PS-10015 Datasheet
513Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
PS-10024 ALTECH-PS-10024 Datasheet
513Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
More results


Similar Description - PS-1003

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P10-010PLT 3M-P10-010PLT Datasheet
59Kb / 2P
3M Board Stacking Connector System, P10 Series
15-Dec-2009
logo
PANDUIT CORP.
PSL-P PANDUIT-PSL-P Datasheet
74Kb / 1P
Plug Lockout Device
logo
STMicroelectronics
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
Undervoltage lockout
08-Apr-2015
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
Undervoltage lockout
15-Apr-2015
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
Undervoltage lockout
10-Apr-2015
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
Undervoltage lockout
01-Feb-2017
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
Undervoltage lockout
01-Feb-2017
logo
3M Electronics
1577CW 3M-1577CW Datasheet
213Kb / 4P
3M™ VentureClad™ Insulation Jacketing System 1577CW
Jan-2019
R3345 3M-R3345 Datasheet
135Kb / 6P
3M™ Repulpable Splice System R3345
Jun-2017
logo
Norgren Ltd
T64 NORGREN-T64 Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com