Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T64 Datasheet (PDF) - Norgren Ltd

T64 Datasheet PDF - Norgren Ltd
Part # T64
Download  T64 Download
File Size   297.02 Kbytes
Page   2 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T64 - Olympian Plus plug-in system Shut-off & lockout valves

T64 Datasheet (PDF)

Go To PDF Page Download Datasheet
T64 Datasheet PDF - Norgren Ltd

Part # T64
Download  T64 Click to download

File Size   297.02 Kbytes
Page   2 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T64 - Olympian Plus plug-in system Shut-off & lockout valves

T64 Datasheet (HTML) - Norgren Ltd


T64 Product details

Medium:
Compressed air
Operation pressure:
17 bar (246 psi) maximum
Port sizes:
1/4”, 3/8”, 1/2” or 3/4”
Exhaust port:
1/8 PTF with PTF main ports
Rc1/8 with ISO G main ports
Ambient/Media temperature:
-20° ... +80°C (-4° ... +176°F)
Air supply must be dry enough to
avoid ice formation at temperatures
below +2°C (+35°F).
Materials:
Body: Zinc alloy
Slide: Acetal plastic
Elastomers: NBR
Technical features




Similar Part No. - T64

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
T64-4E2H-JDE MAGNETROL-T64-4E2H-JDE Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Motorola, Inc
T6400 MOTOROLA-T6400 Datasheet
90Kb / 2P
TRIACS
logo
Digitron Semiconductors
T6400 DIGITRON-T6400 Datasheet
146Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T6400 NJSEMI-T6400 Datasheet
95Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
T6400B MOTOROLA-T6400B Datasheet
90Kb / 2P
TRIACS
More results


Similar Description - T64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F64G ETC2-F64G Datasheet
60Kb / 4P
Olympian Plus General Purpose Filter
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
541268 FESTO-541268 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541269 FESTO-541269 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541270 FESTO-541270 Datasheet
85Kb / 1P
Shut off valve
3/25/22
541272 FESTO-541272 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541276 FESTO-541276 Datasheet
80Kb / 1P
Shut off valve
3/25/22
logo
Norgren Ltd
BL64 NORGREN-BL64 Datasheet
856Kb / 4P
Olympian Plus plug-in system Filter/regulators and lubricators
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
T92T NORGREN-T92T Datasheet
584Kb / 3P
T92T Excelon® Pro Lockout/shut-off valve
03/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com