Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL64 Datasheet (PDF) - Norgren Ltd

BL64 Datasheet PDF - Norgren Ltd
Part # BL64
Download  BL64 Download
File Size   856.9 Kbytes
Page   4 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Olympian Plus plug-in system Filter/regulators and lubricators

BL64 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL64 Datasheet PDF - Norgren Ltd

Part # BL64
Download  BL64 Click to download

File Size   856.9 Kbytes
Page   4 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Olympian Plus plug-in system Filter/regulators and lubricators

BL64 Datasheet (HTML) - Norgren Ltd


BL64 Product details

Technical features
Medium:
Compressed air only
Maximum operating pressure:
17 bar (246 psi)
Pressure range:
0,3 ... 10 bar (4 ... 145 psi)
Port sizes:
G1/4, G3/8, G1/2 or G3/4
Gauge ports:
Rc 1/8
Relieving:
Standard
Element:
40 μm
Drain:
Manual or automatic
Automatic drain conditions:
Pressure to close drain:
> 0,3 bar (4.3 psi)
Pressure to open drain:
< 0,2 bar (2.9 psi)
Minimum air flow to close drain:
0,6 dm3/s (1.3 scfm)
Bowl size (lubricator):
0,2 litre (7 fluid oz)
Ambient/Media temperature:
-20° ... +80°C ( -4 ... +176°F)
Version with gauge:
-20° ... +65°C (-4° ... +149°F)
Air supply must be dry enough to
avoid ice formation at temperatures
below +2°C (+35°F).
Materials:
Body and yoke: Zinc alloy
Connection piece: Aluminium
Metal bowl: Aluminium
Prismatic liquid level indicator:
Grilamid
Sight dome: transparent PA
Element: Sintered bronze or
plastic
Elastomers: NBR




Similar Part No. - BL64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6464AA ETC2-BL6464AA Datasheet
45Kb / 1P
512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
BL6464AA663 ETC2-BL6464AA663 Datasheet
45Kb / 1P
512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
BL6464AA804 ETC2-BL6464AA804 Datasheet
45Kb / 1P
512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
More results


Similar Description - BL64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4918 STMICROELECTRONICS-L4918 Datasheet
84Kb / 6P
VOLTAGE REGULATORS PLUS FILTER
Oct-1988
logo
List of Unclassifed Man...
F64G ETC2-F64G Datasheet
60Kb / 4P
Olympian Plus General Purpose Filter
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
Plug and play system evaluation
Rev. 0
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
BL82 NORGREN-BL82 Datasheet
2Mb / 8P
Filter/regulator – Lubricator Combination Units Excelon® Plus Modular System
BL84 NORGREN-BL84 Datasheet
2Mb / 10P
Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
HBL84 NORGREN-HBL84 Datasheet
1Mb / 10P
-Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
T64 NORGREN-T64 Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com