Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL82 Datasheet (PDF) - Norgren Ltd

BL82 Datasheet PDF - Norgren Ltd
Part # BL82
Download  BL82 Download
File Size   2708.95 Kbytes
Page   8 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Filter/regulator – Lubricator Combination Units Excelon® Plus Modular System

BL82 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL82 Datasheet PDF - Norgren Ltd

Part # BL82
Download  BL82 Click to download

File Size   2708.95 Kbytes
Page   8 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Filter/regulator – Lubricator Combination Units Excelon® Plus Modular System

BL82 Datasheet (HTML) - Norgren Ltd


BL82 Product details

Technical features
Medium:
Compressed air only
Maximum supply pressure:
Polycarbonate bowl: 10 bar (145 psi)
Metal bowl: 17 bar (246 psi)
Outlet pressure ranges:
0,3 ...10 bar (4 ... 145 psi)
Filter element:
40 μm
Port size:
G1/4, G3/8, 1/4 PTF, 3/8 PTF
Gauge:
Integrated as standard
Diaphragm Type:
Relieving
Drain:
Manual or automatic
Automatic drain operating
conditions (float operated):
Bowl pressure required to
close drain: > 0.35 bar (5 psi)
Bowl pressure required to
open drain: ≤ 0.2 bar (2.9 psi)
Minimum air flow required to
close drain: 1 dm³/s.
Ambient/Media temperature:
10 ... +60ºC (+14 ... +140ºF)
Metal bowl:
20 ... +65ºC (-4 ... +149ºF)
Air supply must be dry enough
to avoid ice formation at
temperatures below +2°C
(+35°F).
Materials:
Body: Die cast aluminum
Body covers: ABS
Bonnet: Acetal
Valve: PP
Transparent Bowl :
Polycarbonate with
Polypropylene Guard.
Metal Bowl: Die cast Zinc with
PA liquid level indicator lens
Filter element: sintered PP
Bowl ‘o’- ring: Chloroprene
Elastomers: NBR




Similar Part No. - BL82

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
BL8 KLEIN-BL8 Datasheet
2Mb / 8P
Hex-Key Wrenches
logo
SHANGHAI BELLING CO., L...
BL8003 BELLING-BL8003 Datasheet
152Kb / 8P
550V INTEGRATED HALF ?밄RIDGE DRIVER
BL8003L BELLING-BL8003L Datasheet
157Kb / 7P
INTEGRATED HALF ?밄RIDGE DRIVER
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8021 BELLING-BL8021 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
More results


Similar Description - BL82

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
BL84 NORGREN-BL84 Datasheet
2Mb / 10P
Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
HB84G NORGREN-HB84G Datasheet
1Mb / 8P
Filter/regulator For Extreme Temperature applications Excelon® Plus Modular System
HBL84 NORGREN-HBL84 Datasheet
1Mb / 10P
-Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P82F NORGREN-P82F Datasheet
1Mb / 9P
P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com