Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB84G Datasheet (PDF) - Norgren Ltd

HB84G Datasheet PDF - Norgren Ltd
Part # HB84G
Download  HB84G Download
File Size   1697.52 Kbytes
Page   8 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Filter/regulator For Extreme Temperature applications Excelon® Plus Modular System

HB84G Datasheet (PDF)

Go To PDF Page Download Datasheet
HB84G Datasheet PDF - Norgren Ltd

Part # HB84G
Download  HB84G Click to download

File Size   1697.52 Kbytes
Page   8 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Filter/regulator For Extreme Temperature applications Excelon® Plus Modular System

HB84G Datasheet (HTML) - Norgren Ltd


HB84G Product details

Technical features
Medium:
Compressed air only
Maximum supply pressure:
20 bar (290 psi)
Outlet pressure ranges:
0.3 ...10 bar (4 ... 145 psi),
0.3 ... 4 bar (4 ... 58 psi) optional
0.7...17bar (10...247psi) optional
Filter element:
5 μm & 40 μm
Port size:
G3/8, G1/2, G3/4,
3/8 PTF, 1/2 PTF, 3/4 PTF
Gauge:
Gauge port as standard
( Rc 1/8 or 1/8 PTF)
Integrated gauge as option
Flow:
103 dm³/s at port size: ½”,
Inlet pressure 10 bar (145 psi),
6.3 bar (91 psi) set pressure and
a Δp: 1 bar (14.5 psi) drop from
set.
Filter element: 5μm & 40μm
Diaphragm Type:
Relieving & Non-Relieving
Drain:
Manual or automatic
Automatic drain operating
conditions (float operated):
Bowl pressure required to
close drain: > 0.35 bar (5 psi)
Bowl pressure required to
open drain: ≤ 0.2 bar (2.9 psi)
Minimum air flow required to
close drain: 1 dm3/s (2 scfm)
Ambient/Media temperature:
Unit with gauge port without
integrated gauge :
-40 ... +80°C (-40 ... +176°F)
Air supply must be dry enough to
avoid ice formation at temperatures
below +2°C (+35°F).
Atex:
Filter/regulators HB84 are in
conformity with Atex 2014/34/EU
II 2 GD
Ex h IIC T6 Gb
EX h IIIC T85°C Db
Materials:
Body: Die cast aluminium
Body covers:
ABS (Magnum 3904)
Bonnet: Die cast aluminium
Valve: Brass and
Low temperature Nitrile
Metal Bowl: Die cast Aluminium
Filter element: sintered Polypropylene
Diaphragm: Low temperature
Silicone, polyester reinforced
Lower spring rest and
diaphragm retainer:
Aluminium
Bowl O-ring:
Low temperature Nitrile
Elastomers:
Low temperature Nitrile




Similar Part No. - HB84G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB834 ETC2-HB834 Datasheet
79Kb / 2P
PNP SILICON TRANSISTOR
logo
SHANTOU HUASHAN ELECTRO...
HB834 HUASHAN-HB834 Datasheet
486Kb / 2P
PNP SILICON TRANSISTOR
HB857 HUASHAN-HB857 Datasheet
247Kb / 1P
PNP SILICON TRANSISTOR
logo
CML Microcircuits
HB865A CMLMICRO-HB865A Datasheet
183Kb / 2P
Header Board
More results


Similar Description - HB84G

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
BL82 NORGREN-BL82 Datasheet
2Mb / 8P
Filter/regulator – Lubricator Combination Units Excelon® Plus Modular System
BL84 NORGREN-BL84 Datasheet
2Mb / 10P
Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
HBL84 NORGREN-HBL84 Datasheet
1Mb / 10P
-Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P82F NORGREN-P82F Datasheet
1Mb / 9P
P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com