Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84 Datasheet (PDF) - Norgren Ltd

T84 Datasheet PDF - Norgren Ltd
Part # T84
Download  T84 Download
File Size   1455.06 Kbytes
Page   7 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T84T - 3/2 shut-off valve Excelon® Plus Modular System

T84 Datasheet (PDF)

Go To PDF Page Download Datasheet
T84 Datasheet PDF - Norgren Ltd

Part # T84
Download  T84 Click to download

File Size   1455.06 Kbytes
Page   7 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T84T - 3/2 shut-off valve Excelon® Plus Modular System

T84 Datasheet (HTML) - Norgren Ltd


T84 Product details

Technical features
Medium:
Compressed air only
Maximum supply pressure:
20 bar (290 psi)
Port size:
G3/8, G1/2, G3/4,
3/8 PTF, 1/2 PTF, 3/4 PTF
Flow:
From IN to OUT ports:
1/2”: 162 dm3/s at 6,3 bar and
Δp 0,5 bar pressure drop,
1,8 dm3/s from OUT to exhaust
port.
Atex:
Shut-off valves T84 are in
conformity with Atex 2014/34/EU
II 2 GD
Ex h IIC T6 Gb
EX h IIIC T85°C Db
Ambient/Media temperature:
-20 ... +65°C (-4 ... +149ºF)
Air supply must be dry enough
to avoid ice formation at
temperatures below +2°C
(+35°F).
Materials:
Body: Die cast aluminium
Body covers: ABS
Elastomers: NBR




Similar Part No. - T84

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
T84451B ITF-T84451B Datasheet
156Kb / 2P
844.0 MHz SAW Filter
Rev 1.0 2013. 03. 29
T84452B ITF-T84452B Datasheet
161Kb / 2P
844.05 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
ATMEL Corporation
T84C5112-RKFCL ATMEL-T84C5112-RKFCL Datasheet
763Kb / 97P
8-bit Microcontroller with A/D converter
T84C5112-RKFCV ATMEL-T84C5112-RKFCV Datasheet
763Kb / 97P
8-bit Microcontroller with A/D converter
T84C5112-RKFEL ATMEL-T84C5112-RKFEL Datasheet
763Kb / 97P
8-bit Microcontroller with A/D converter
More results


Similar Description - T84

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P82F NORGREN-P82F Datasheet
1Mb / 9P
P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84F NORGREN-P84F Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
T72 NORGREN-T72 Datasheet
687Kb / 2P
T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
T74 NORGREN-T74 Datasheet
929Kb / 3P
T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
01/17
T92T NORGREN-T92T Datasheet
584Kb / 3P
T92T Excelon® Pro Lockout/shut-off valve
03/16
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com