Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T92T Datasheet (PDF) - Norgren Ltd

T92T Datasheet PDF - Norgren Ltd
Part # T92T
Download  T92T Download
File Size   584.23 Kbytes
Page   3 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T92T Excelon® Pro Lockout/shut-off valve

T92T Datasheet (PDF)

Go To PDF Page Download Datasheet
T92T Datasheet PDF - Norgren Ltd

Part # T92T
Download  T92T Click to download

File Size   584.23 Kbytes
Page   3 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T92T Excelon® Pro Lockout/shut-off valve

T92T Datasheet (HTML) - Norgren Ltd


T92T Product details

Medium:
Compressed air
Maximum operating pressure:
12 bar (174 psi) max.
Ambient/Media temperature:
-20 ... +60°C (-4 ... +140°F)
Air supply must be dry enough
to avoid ice formation at
temperatures below +2°C (+35°F).
Materials:
Body and valve stem: PBT
Internal parts: Acetal
Elastomers: NBR and TPE
Technical features




Similar Part No. - T92T

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
March 2001
logo
DB Lectro Inc
T92 DBLECTRO-T92 Datasheet
178Kb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
Tyco Electronics
T92 MACOM-T92 Datasheet
261Kb / 3P
2 pole 30 A, 2 CO or 2 NO contacts
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
Meets requirements of UL Class F construction
T92 TEC-T92 Datasheet
789Kb / 5P
T92 Series Two-pole Power Relay
More results


Similar Description - T92T

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
541268 FESTO-541268 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541269 FESTO-541269 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541270 FESTO-541270 Datasheet
85Kb / 1P
Shut off valve
3/25/22
541272 FESTO-541272 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541276 FESTO-541276 Datasheet
80Kb / 1P
Shut off valve
3/25/22
logo
Norgren Ltd
T72 NORGREN-T72 Datasheet
687Kb / 2P
T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
T74 NORGREN-T74 Datasheet
929Kb / 3P
T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
01/17
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com