Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T72 Datasheet (PDF) - Norgren Ltd

T72 Datasheet PDF - Norgren Ltd
Part # T72
Download  T72 Download
File Size   687.24 Kbytes
Page   2 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve

T72 Datasheet (PDF)

Go To PDF Page Download Datasheet
T72 Datasheet PDF - Norgren Ltd

Part # T72
Download  T72 Click to download

File Size   687.24 Kbytes
Page   2 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve

T72 Datasheet (HTML) - Norgren Ltd


T72 Product details

Medium:
Compressed air only
Maximum operating pressure:
17 bar (250 psi)
Port size:
G1/4, G3/8, 1/4 PTF, 3/8 PTF
Exhaust port:
M5 (T72T only)
CV factor:
4,0 from IN to OUT ports:
0,2 from OUT to Exhaust ports on
3/2 valves
Ambient/Media temperature:
-34° ... +65°C (-30° ... +149°F)
Air supply must be dry enough
to avoid ice formation at
temperatures below +2°C (+35°F).
Materials:
Body: zinc
Slide: Acetal
Elastomers: NBR
Technical features




Similar Part No. - T72

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T72 EUROQUARTZ-T72 Datasheet
89Kb / 1P
Very rugged TCXO
logo
Powerex Power Semicondu...
T720 POWEREX-T720 Datasheet
720Kb / 4P
Phase Control SCR (450-550 Amperes 2400 Volts)
logo
Intel Corporation
T7200 INTEL-T7200 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Powerex Power Semicondu...
T7200135 POWEREX-T7200135 Datasheet
238Kb / 6P
Phase Control SCR (350-550 Amperes Avg 100-2200 Volts)
T7200245 POWEREX-T7200245 Datasheet
720Kb / 4P
Phase Control SCR (450-550 Amperes 2400 Volts)
More results


Similar Description - T72

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
logo
Norgren Ltd
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P82F NORGREN-P82F Datasheet
1Mb / 9P
P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84F NORGREN-P84F Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
T74 NORGREN-T74 Datasheet
929Kb / 3P
T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
01/17
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
T92T NORGREN-T92T Datasheet
584Kb / 3P
T92T Excelon® Pro Lockout/shut-off valve
03/16
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com