Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T73 Datasheet (PDF) - Norgren Ltd

T73 Datasheet PDF - Norgren Ltd
Part # T73
Download  T73 Download
File Size   652.7 Kbytes
Page   2 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve

T73 Datasheet (PDF)

Go To PDF Page Download Datasheet
T73 Datasheet PDF - Norgren Ltd

Part # T73
Download  T73 Click to download

File Size   652.7 Kbytes
Page   2 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve

T73 Datasheet (HTML) - Norgren Ltd


T73 Product details

Medium:
Compressed air only
Maximum operating pressure:
17 bar (250 psi)
Port size:
G1/4, G3/8, G1/2,
1/4 PTF, 3/8 PTF 1/2 PTF
Exhaust port:
M5 for T73T models
CV factor:
From IN to OUT ports:
1/4”: 4,0; 3/8”: 8,0; 1/2”: 7,8;
0,2 from OUT to Exhaust ports on
3/2 valves
Ambient/Media temperature:
-34° ... +65°C (-30° ... +149°F)
Air supply must be dry enough
to avoid ice formation at
temperatures below +2°C (+35°F).
Materials:
Body: Zinc
Slide: Acetal plastic
Elastomers: NBR
Technical features




Similar Part No. - T73

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
1/4" Square Single-Turn Cermet Sealed Trimmers
24-Jan-07
logo
TE Connectivity Ltd
T73 TEC-T73 Datasheet
438Kb / 2P
General Purpose Relays PCB Relays
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
125Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
23-Sep-15
T73 VISHAY-T73 Datasheet
115Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
31-Aug-2018
logo
Tyco Electronics
T73 MACOM-T73 Datasheet
46Kb / 2P
Low Profile, 10 Amp Printed Circuit Board Relay
More results


Similar Description - T73

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
logo
Norgren Ltd
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P82F NORGREN-P82F Datasheet
1Mb / 9P
P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84F NORGREN-P84F Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
T72 NORGREN-T72 Datasheet
687Kb / 2P
T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
T74 NORGREN-T74 Datasheet
929Kb / 3P
T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
01/17
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
T92T NORGREN-T92T Datasheet
584Kb / 3P
T92T Excelon® Pro Lockout/shut-off valve
03/16
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com