Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T74 Datasheet (PDF) - Norgren Ltd

T74 Datasheet PDF - Norgren Ltd
Part # T74
Download  T74 Download
File Size   929.76 Kbytes
Page   3 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve

T74 Datasheet (PDF)

Go To PDF Page Download Datasheet
T74 Datasheet PDF - Norgren Ltd

Part # T74
Download  T74 Click to download

File Size   929.76 Kbytes
Page   3 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve

T74 Datasheet (HTML) - Norgren Ltd


T74 Product details

Medium:
Compressed air only
Maximum operating pressure:
17 bar (250 psi)
Port size:
G3/8, G1/2, G3/4,
3/8 PTF 1/2 PTF , 3/8 PTF
CV factor:
From IN to OUT ports:
3/8”: 7,1; 1/2”: 8,1; 3/4”: 7,7
0,2 from OUT to Exhaust ports on
3/2 valves
Ambient/Media temperature:
-34° ... +65°C (-30° ... +149°F)
Air supply must be dry enough
to avoid ice formation at
temperatures below +2°C (+35°F).
Materials:
Body: Zinc
Elastomers: NBR
Technical features




Similar Part No. - T74

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7400 INTEL-T7400 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Infineon Technologies A...
T740N INFINEON-T740N Datasheet
247Kb / 10P
Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
logo
Integrated Technology F...
T74251B ITF-T74251B Datasheet
165Kb / 2P
742.0 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
Ashcroft, Inc.
T742T05 ASHCROFT-T742T05 Datasheet
1Mb / 4P
T4/T7 Series NEMA 4X, 7/9 Temperature Switches
RevI_10-18-23
T742T10 ASHCROFT-T742T10 Datasheet
1Mb / 4P
T4/T7 Series NEMA 4X, 7/9 Temperature Switches
RevI_10-18-23
More results


Similar Description - T74

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
logo
Norgren Ltd
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P82F NORGREN-P82F Datasheet
1Mb / 9P
P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84F NORGREN-P84F Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
T72 NORGREN-T72 Datasheet
687Kb / 2P
T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
T92T NORGREN-T92T Datasheet
584Kb / 3P
T92T Excelon® Pro Lockout/shut-off valve
03/16
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com