Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82F Datasheet (PDF) - Norgren Ltd

P82F Datasheet PDF - Norgren Ltd
Part # P82F
Download  P82F Download
File Size   1606.99 Kbytes
Page   9 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System

P82F Datasheet (PDF)

Go To PDF Page Download Datasheet
P82F Datasheet PDF - Norgren Ltd

Part # P82F
Download  P82F Click to download

File Size   1606.99 Kbytes
Page   9 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System

P82F Datasheet (HTML) - Norgren Ltd


P82F Product details

Technical features
Medium:
Compressed air only
Maximum supply pressure:
10 bar (145 psi)
Minimum operating pressure:
3 bar (43 psi)
Port size:
G1/4, G3/8,
1/4 PTF, 3/8 PTF
Flow:
21 dm3/s at port size 1/4”
Full flow P1 to P2 at 6,3 bar
(91 psi) inlet, with 0,5 bar
(7 psi) pressure drop
P2 to P3 at 18 dm3/s
Ambient/Media temperature:
-20 ... +65°C (-4 ... +149ºF)
Air supply must be dry
enough to avoid ice
formation at temperatures
below +2°C (+35°F).
Materials:
Body: Aluminium
End Caps: Aluminum
Body covers: ABS
Elastomers: NBR
Valve: Brass
Air Pilot: Aluminium




Similar Part No. - P82F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P82F7R5SN SHINDENGEN-P82F7R5SN Datasheet
1Mb / 4P
Power MOSFET
logo
Inchange Semiconductor ...
P82F7R5SN ISC-P82F7R5SN Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - P82F

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84F NORGREN-P84F Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
T72 NORGREN-T72 Datasheet
687Kb / 2P
T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
T74 NORGREN-T74 Datasheet
929Kb / 3P
T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
01/17
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com