Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P84C Datasheet (PDF) - Norgren Ltd

P84C Datasheet PDF - Norgren Ltd
Part # P84C
Download  P84C Download
File Size   1781.32 Kbytes
Page   9 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description P84C 3/2 Control Valve Excelon® Plus Modular System

P84C Datasheet (PDF)

Go To PDF Page Download Datasheet
P84C Datasheet PDF - Norgren Ltd

Part # P84C
Download  P84C Click to download

File Size   1781.32 Kbytes
Page   9 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description P84C 3/2 Control Valve Excelon® Plus Modular System

P84C Datasheet (HTML) - Norgren Ltd


P84C Product details

Technical features
Medium:
Compressed air only
Maximum supply pressure:
10 bar (145 psi)
Minimum operating pressure:
3 bar (43 psi)
Port size:
G3/8, G1/2, G3/4,
3/8 PTF, 1/2 PTF, 3/4 PTF
Flow:
58 dm3/s at port size 1/2”
Full flow P1 to P2 at 6,3 bar (91
psi) inlet, with 0,5 bar (7 psi)
pressure drop
P2 to P3 = 63 dm3/s.
Ambient/Media temperature:
-20 ... +65°C (-4 ... +149ºF)
Air supply must be dry
enough to avoid ice
formation at temperatures
below +2°C (+35°F).
Materials:
Body: Aluminium
End Caps: Aluminum
Body covers: ABS
Elastomers: NBR
Valve: Brass
Air Pilot: Aluminium




Similar Part No. - P84C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P840MADL13DBVRQ1 TI-P840MADL13DBVRQ1 Datasheet
1Mb / 29P
TLV840-Q1 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Toshiba Semiconductor
P841 TOSHIBA-P841 Datasheet
188Kb / 8P
Infrared LED Phototransistor
logo
Norgren Ltd
P84F NORGREN-P84F Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
P84F-3AA-NAN NORGREN-P84F-3AA-NAN Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
P84F-3AA-NBN NORGREN-P84F-3AA-NBN Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
More results


Similar Description - P84C

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P82F NORGREN-P82F Datasheet
1Mb / 9P
P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
11/22
P84F NORGREN-P84F Datasheet
1Mb / 9P
P84F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
10/22
T72 NORGREN-T72 Datasheet
687Kb / 2P
T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
T74 NORGREN-T74 Datasheet
929Kb / 3P
T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
01/17
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com