Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P84C Datasheet(PDF) 2 Page - Norgren Ltd

Part # P84C
Description  P84C 3/2 Control Valve Excelon® Plus Modular System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

P84C Datasheet(HTML) 2 Page - Norgren Ltd

  P84C Datasheet HTML 1Page - Norgren Ltd P84C Datasheet HTML 2Page - Norgren Ltd P84C Datasheet HTML 3Page - Norgren Ltd P84C Datasheet HTML 4Page - Norgren Ltd P84C Datasheet HTML 5Page - Norgren Ltd P84C Datasheet HTML 6Page - Norgren Ltd P84C Datasheet HTML 7Page - Norgren Ltd P84C Datasheet HTML 8Page - Norgren Ltd P84C Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Air flow (dm3/s)
Air flow (dm3/s)
0
0
10
10
60
60
20
20
70
70
30
30
80
80
40
40
90
90
50
50
100
100
Port size: 3/8”
Port size: 1/2”
1,0
0,8
0,6
0,4
0,2
0
1,0
0,8
0,6
0,4
0,2
0
3.0
4.0
8.0
6.3
3.0
4.0
8.0
6.3
Inlet pressure (bar)
Inlet pressure (bar)
P84C- -N
Portata d’aria (dm3/s)
Pressione di ingresso (bar)
Portata d’aria (dm3/s)
Pressione di ingresso (bar)
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2020-9331a) © 2015 Norgren Ltd.
en 8.200.611.02
10/22
Flow characteristics
Option selector
Function
Substitute
3/2 Control Valve
C
Port Size
Substitute
3/8”
3
1/2”
4
3/4”
6
Thread Form
Substitute
PTF
A
ISO G
G
Port 1 to 2
Port size: 1/2”
Port 1 to 2
Port size: 3/8”
Voltage
Substitute
24 V d.c.
F
110 V a.c.
A
220 V a.c.
B
Non
N
Solendoid Operator
Substitute
Non-Locking push button
P
Non
N
Operator *2)
Substitute
Air pilot*1)
A
Solenoid Operated
T
*1) To order air pilot models, select P84C-**A-NNN
*2) ATEX statement can be found online
https://cdn.norgren.com/pdf/IM_Excelon_Plus_EN_final.pdf



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com