Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL64 Datasheet(PDF) 3 Page - Norgren Ltd

Part # BL64
Description  Olympian Plus plug-in system Filter/regulators and lubricators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

BL64 Datasheet(HTML) 3 Page - Norgren Ltd

  BL64 Datasheet HTML 1Page - Norgren Ltd BL64 Datasheet HTML 2Page - Norgren Ltd BL64 Datasheet HTML 3Page - Norgren Ltd BL64 Datasheet HTML 4Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (1997 - 8085d) © 2015 IMI International s.r.o.
en 8.240.805.03
03/23
185
237
ø 47
45
ø 50
2
ø 6
1
1
4
3
Basic dimensions
Dimensions in mm
Projection/First angle
# Minimum clearance required to remove bowl
1
Main ports 1/4”, 3/8”, 1/2” or 3/4”
2
Quick fill device
3
For main ports 3/4” only
4
Sight glass
5
Reduces by 4 mm with knob in locked position



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com