Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL64 Datasheet(PDF) 4 Page - Norgren Ltd

Part # BL64
Description  Olympian Plus plug-in system Filter/regulators and lubricators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

BL64 Datasheet(HTML) 4 Page - Norgren Ltd

  BL64 Datasheet HTML 1Page - Norgren Ltd BL64 Datasheet HTML 2Page - Norgren Ltd BL64 Datasheet HTML 3Page - Norgren Ltd BL64 Datasheet HTML 4Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (1997 - 8085d) © 2015 IMI International s.r.o.
en 8.240.805.04
03/23
Rear entry bracket
18-026-981
A
A
A-A
54,5
83,5
7,5
2
41,5
20,5
8 +0,2
1
1
‘O’-ring (included in scope
of supply of bracket)
G3/8
41
ø 22
59
G1/4
Porting block
74507-50
7
Padlock hole ø7,5 mm
OPEN
73
B
27,5
17
13,5
Rc 1/8
7
3/2 Shut-off valve
Symbol
A
B
ø C
Model
2
1 3
G1/4
48
27
T64T-2G*-P1N
G3/8
48
27
T64T-3G*-P1N
G1/2
48
27
T64T-4G*-P1N
G3/4
51
33
T64T-6G*-P1N
* B = Threaded inlet only, C = Threaded outlet only
Dimensions in mm
Projection/First angle
These products are intended for use in industrial compressed air
systems only. Do not use these products where pressures and
temperatures can exceed those listed under
»Technical features/data«.
Before using these products with fluids other than those specified,
for non-industrial applications, life-support systems or other
applications not within published specifications, consult IMI
Precision Engineering.
Through misuse, age, or malfunction, components used in fluid
power systems can fail in various modes.
The system designer is warned to consider the failure modes of
all component parts used in fluid power systems and to provide
adequate safeguards to prevent personal injury or damage to
equipment in the event of such failure.
System designers must provide a warning to end users in the
system instructional manual if protection against a failure mode
cannot be adequately provided.
System designers and end users are cautioned to review specific
warnings found in instruction sheets packed and shipped with
these products.
Warning



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com