Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL64 Datasheet(PDF) 1 Page - Norgren Ltd

Part # BL64
Description  Olympian Plus plug-in system Filter/regulators and lubricators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

BL64 Datasheet(HTML) 1 Page - Norgren Ltd

  BL64 Datasheet HTML 1Page - Norgren Ltd BL64 Datasheet HTML 2Page - Norgren Ltd BL64 Datasheet HTML 3Page - Norgren Ltd BL64 Datasheet HTML 4Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
03/23
en 8.240.805.01
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (1997 - 8085d) © 2015 IMI International s.r.o.
BL64 - Olympian Plus plug-in system
Filter/regulators and lubricators
> Port size: 1/4“ ... 3/4“
(ISO G/PTF)
> Complete air
processing units
pre-assembled,
ready to install
Medium:
Compressed air only
Maximum operating pressure:
17 bar (246 psi)
Pressure range:
0,3 ... 10 bar (4 ... 145 psi)
Port sizes:
G1/4, G3/8, G1/2 or G3/4
Gauge ports:
Rc 1/8
Relieving:
Standard
Element:
40 μm
Drain:
Manual or automatic
Automatic drain conditions:
Pressure to close drain:
> 0,3 bar (4.3 psi)
Pressure to open drain:
< 0,2 bar (2.9 psi)
Minimum air flow to close drain:
0,6 dm3/s (1.3 scfm)
Bowl size (lubricator):
0,2 litre (7 fluid oz)
Ambient/Media temperature:
-20° ... +80°C ( -4 ... +176°F)
Version with gauge:
-20° ... +65°C (-4° ... +149°F)
Air supply must be dry enough to
avoid ice formation at tempera-
tures below +2°C (+35°F).
Materials:
Body and yoke: Zinc alloy
Connection piece: Aluminium
Metal bowl: Aluminium
Prismatic liquid level indicator:
Grilamid
Sight dome: transparent PA
Element: Sintered bronze or
plastic
Elastomers: NBR
Technical features
Technical data BL64 - standard models; automatic drain
Symbol
Port
size
Size
Pressure
range (bar)
Element
(µm)
Drain
Lubricator Mounting
Gauge
Shut-off
valve
Model
G1/4
—
0,3 ... 10
40
Automatic
Micro fog
Bracket
With
With
BL64-201
G3/8
—
0,3 ... 10
40
Automatic
Micro fog
Bracket
With
With
BL64-301
G1/2
Basic
0,3 ... 10
40
Automatic
Micro fog
Bracket
With
With
BL64-401
G3/4
—
0,3 ... 10
40
Automatic
Micro fog
Bracket
With
With
BL64-601
G1/4
—
0,3 ... 10
40
Automatic
Oil fog
Bracket
With
With
BL64-211
G3/8
—
0,3 ... 10
40
Automatic
Oil fog
Bracket
With
With
BL64-311
G1/2
Basic
0,3 ... 10
40
Automatic
Oil fog
Bracket
With
With
BL64-411
G3/4
—
0,3 ... 10
40
Automatic
Oil fog
Bracket
With
With
BL64-611
G1/4
—
0,3 ... 10
40
Automatic
Micro fog
—
With
With
BL64-202
G3/8
—
0,3 ... 10
40
Automatic
Micro fog
—
With
With
BL64-302
G1/2
Basic
0,3 ... 10
40
Automatic
Micro fog
—
With
With
BL64-402
G3/4
—
0,3 ... 10
40
Automatic
Micro fog
—
With
With
BL64-602
G1/4
—
0,3 ... 10
40
Automatic
Oil fog
—
With
With
BL64-212
G3/8
—
0,3 ... 10
40
Automatic
Oil fog
—
With
With
BL64-312
G1/2
Basic
0,3 ... 10
40
Automatic
Oil fog
—
With
With
BL64-412
G3/4
—
0,3 ... 10
40
Automatic
Oil fog
—
With
With
BL64-612
Pressure range:
0,3 ... 4 bar (4 ... 58 psi)
0,7 ... 17 bar (2 ... 250 psi)
Port size:
1/4 PTF, 3/8 PTF, 1/2 PTF, 3/4
PTF
Element:
5 μm
Bowl size (lubricator):
1 litre
Please contact IMI Norgren for following options:


Similar Part No. - BL64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6464AA ETC2-BL6464AA Datasheet
45Kb / 1P
512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
BL6464AA663 ETC2-BL6464AA663 Datasheet
45Kb / 1P
512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
BL6464AA804 ETC2-BL6464AA804 Datasheet
45Kb / 1P
512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
More results

Similar Description - BL64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4918 STMICROELECTRONICS-L4918 Datasheet
84Kb / 6P
VOLTAGE REGULATORS PLUS FILTER
Oct-1988
logo
List of Unclassifed Man...
F64G ETC2-F64G Datasheet
60Kb / 4P
Olympian Plus General Purpose Filter
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
Plug and play system evaluation
Rev. 0
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
BL82 NORGREN-BL82 Datasheet
2Mb / 8P
Filter/regulator – Lubricator Combination Units Excelon® Plus Modular System
BL84 NORGREN-BL84 Datasheet
2Mb / 10P
Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
HBL84 NORGREN-HBL84 Datasheet
1Mb / 10P
-Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
T64 NORGREN-T64 Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com