Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3415LRM-REEL Datasheet (PDF) - Analog Devices

ADP3415LRM-REEL Datasheet PDF - Analog Devices
Part # ADP3415LRM-REEL
Download  ADP3415LRM-REEL Download
File Size   166.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual MOSFET Driver with Bootstrapping

ADP3415LRM-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3415LRM-REEL Datasheet PDF - Analog Devices

Part # ADP3415LRM-REEL
Download  ADP3415LRM-REEL Click to download

File Size   166.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual MOSFET Driver with Bootstrapping

ADP3415LRM-REEL Datasheet (HTML) - Analog Devices


ADP3415LRM-REEL Product details

GENERAL DESCRIPTION
The ADP3415 is a dual MOSFET driver optimized for driving two N-channel FETs that are the two switches in the nonisolated synchronous buck power converter topology. Each driver size is optimized for performance in notebook PC regulators for CPUs in the 20 A range. The high-side driver can be bootstrapped atop the switched node of the buck converter as needed to drive the upper switch and is designed to accommodate the high voltage slew rate associated with high performance, high frequency switching. The ADP3415 features an overlapping protection circuit (OPC); undervoltage lockout (UVLO) that holds the switches off until the driver is assured of having sufficient voltage for proper operation; a programmable transition delay; and a synchronous drive disable pin. The quiescent current, when the device is disabled, is less than 100 µA.

FEATURES
    All-in-One Synchronous Buck Driver
    One PWM Signal Generates Both Drives
    Anticross Conduction Protection Circuitry
    Programmable Transition Delay
    Zero-Crossing Synchronous Drive Control
    Synchronous Override Control
    Undervoltage Lockout
    Shutdown Quiescent Current <100 μA

APPLICATIONS
    Mobile Computing CPU Core Power Converters
    Multiphase Desktop CPU Supplies
    Single-Supply Synchronous Buck Converters
    Standard-to-Synchronous Converter Adaptations




Similar Part No. - ADP3415LRM-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3415LRM-REEL ONSEMI-ADP3415LRM-REEL Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
ADP3415LRM-REEL7 ONSEMI-ADP3415LRM-REEL7 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
More results


Similar Description - ADP3415LRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com