Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3810 Datasheet (PDF) - Analog Devices

ADP3810 Datasheet PDF - Analog Devices
Part # ADP3810
Download  ADP3810 Download
File Size   457.51 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Secondary Side, Off-Line Battery Charger Controllers

ADP3810 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3810 Datasheet PDF - Analog Devices

Part # ADP3810
Download  ADP3810 Click to download

File Size   457.51 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Secondary Side, Off-Line Battery Charger Controllers

ADP3810 Datasheet (HTML) - Analog Devices


ADP3810 Product details

GENERAL DESCRIPTION
The ADP3810 and ADP3811 combine a programmable current
limit with a battery voltage limit to provide a constant current,
constant voltage battery charger controller. In secondary side,
off-line applications, the output directly drives the diode side of
an optocoupler to give isolated feedback control of a primary
side PWM. The circuitry includes two gain (gm) stages, a precision 2.0 V reference, a control input buffer, an Undervoltage
Lock Out (UVLO) comparator, an output buffer and an overvoltage comparator.

FEATURES
   Programmable Charge Current
   High Precision Battery Voltage Limit
   Precision 2.000 V Reference
   Low Voltage Drop Current Sense: 300 mV Full Scale
   Full Operation in Shorted and Open Battery Conditions
   Drives Diode-Side of Optocoupler
   Wide Operating Supply Range: 2.7 V to 16 V
   Undervoltage Lockout
   SO-8 Package
   ADP3810
      Internal Precision Voltage Divider for Battery Sense
      Four Final Battery Voltage Options Available: 4.2 V,
      8.4 V, 12.6 V, 16.8 V
   ADP3811
      Adjustable Final Battery Voltage
  
APPLICATIONS
   Battery Charger Controller for:
      LiIon Batteries (ADP3810)
      NiCad, NiMH Batteries (ADP3811)




Similar Part No. - ADP3810

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
More results


Similar Description - ADP3810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1890 TI-UCC1890 Datasheet
215Kb / 8P
Off-Line Battery Charger Circuit
logo
BCD Semiconductor Manuf...
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
Low Power PWM Controller for OFF-LINE Battery Charger
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
logo
STMicroelectronics
AN1620 STMICROELECTRONICS-AN1620 Datasheet
62Kb / 4P
25W OFF-LINE AUTORANGING BATTERY CHARGER
Nov-2002
logo
Linear Technology
LTC1729 LINER-LTC1729_15 Datasheet
231Kb / 16P
Li-Ion Battery Charger Termination Controllers
logo
Texas Instruments
UCC1890 TI1-UCC1890_08 Datasheet
242Kb / 9P
Off-Line Battery Charger Circuit
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com