Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3810 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3810
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3810 Datasheet(HTML) 2 Page - Analog Devices

  ADP3810 Datasheet HTML 1Page - Analog Devices ADP3810 Datasheet HTML 2Page - Analog Devices ADP3810 Datasheet HTML 3Page - Analog Devices ADP3810 Datasheet HTML 4Page - Analog Devices ADP3810 Datasheet HTML 5Page - Analog Devices ADP3810 Datasheet HTML 6Page - Analog Devices ADP3810 Datasheet HTML 7Page - Analog Devices ADP3810 Datasheet HTML 8Page - Analog Devices ADP3810 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP3810/ADP3811–SPECIFICATIONS
–2–
REV. 0
(–40 C
≤ T
A
≤ +85 C, V
CC = 10.0 V, unless otherwise noted)
ADP3810
Parameter
Conditions
Symbol
Min
Typ
Max
Units
CURRENT SENSE
1
Full-Scale Current Sense Voltage
VCTRL = 1.2 V
–315
–300
–285
mV
Minimum Current Sense Voltage
0.0 V
≤ V
CTRL ≤ 0.1 V
–32
–25
–18
mV
Current Programming Input Range
VCTRL
0.0
1.2
V
Gain (VOUT/VCS)RL = 1 k
Ω
AVCS
74
86
dB
Control Input Bias Current
VCTRL Pin
IBCTRL
10
40
nA
VOLTAGE SENSE
Accuracy2—ADP3810
–1.0
+1.0
%
Input Resistance—ADP3810
4.2 V Option
RIN
210k
Ω
Input Resistance—ADP3810
8.4 V Option
RIN
420k
Ω
Input Resistance—ADP3810
12.6 V Option
RIN
630k
Ω
Input Resistance—ADP3810
16.8 V Option
RIN
840k
Ω
Offset Voltage—ADP3811
VOS
–2.5
+2.5
mV
Bias Current—ADP3811
IB
110
nA
Gain (VOUT/VSENSE)
3
RL = 1 k
Ω
AVBAT
60
74
dB
REFERENCE
Output Voltage
CL = 0.1
µF4
VREF
2.000
V
Accuracy
ADP3810
–1.0
+1.0
%
ADP3811
–1.8
+1.8
%
Load Regulation
ILOAD = 0 mA to 5 mA
–0.25
+0.25
%
Line Regulation
VCC = 2.7 V to 16 V
0.004
0.02
%/V
Output Voltage Noise
0.1 Hz to 10 Hz
eN
35
µV p-p
Load Current (Sourcing)
IL
510
mA
OUTPUT
Output Current
VCC = 2.7 V
IOUT
46
mA
Saturation Voltage
IOUT = 4 mA, VCC–VOUT
VSAT
0.1
0.4
V
Gain (VOUT/VCOMP)RL = 1 k
Ω
AVOUT
6
V/V
UNDERVOLTAGE LOCKOUT
Trip Point-On
2.65
2.7
V
Trip Point-Off
2.5
2.6
V
POWER SUPPLY
Operating Range
2.7
16
V
Quiescent Current
VCC
≥ 2.7 V
IQ
1.5
3
mA
Turn-Off Current
VCC
≤ 2.5 V
0.5
1
mA
OVERVOLTAGE COMPARATOR
Threshold
ADP3810
Percent Above Full Scale
5
VOV%6
%
ADP3811
Percent Above Full Scale
5
VOV%6
%
Response Time
IOUT from 0 mA to 2 mA
tr
8
µs
NOTES
120 k
Ω resistor from current sense voltage to V
CS pin.
2Applies to 4.2 V, 8.4 V, 12.6 V and 16.8 V options. Includes all error from offset voltage, bias current, resistor divider and voltage reference.
3Does not include attenuation of input resistor divider for ADP3810.
40.1
µF load capacitor required for reference operation.
5Full scale is the programmed final battery voltage: 4.2 V, 8.4 V, 12.6 V or 16.8 V for the ADP3810 or 2.0 V at V
SENSE for the ADP3811.
All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com