Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3810 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3810
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3810 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3810 Datasheet HTML 8Page - Analog Devices ADP3810 Datasheet HTML 9Page - Analog Devices ADP3810 Datasheet HTML 10Page - Analog Devices ADP3810 Datasheet HTML 11Page - Analog Devices ADP3810 Datasheet HTML 12Page - Analog Devices ADP3810 Datasheet HTML 13Page - Analog Devices ADP3810 Datasheet HTML 14Page - Analog Devices ADP3810 Datasheet HTML 15Page - Analog Devices ADP3810 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP3810/ADP3811
–13–
REV. 0
of these stages is the value of GM times the load resistance. At the
COMP pin, the internal load resistance, R5, is typically 400 k
Ω.
The optocoupler gain is the typical value taken from the
MOC8103 data sheet. The voltage error amplifier gain is due
to the resistor divider internal to the 3845 only. VX is the out-
put of the internal amplifier, as labeled in Figure 31. The actual
op amp is assumed to have sufficient open-loop gain and band-
width compared to the system bandwidth; as a result, it can be
considered an ideal transimpedance amplifier. The pole created
by the 1 nF capacitor in parallel with RF is high enough in fre-
quency to not affect the compensation.
The power stage gain equation is linearized based on primary
side current mode control with the flyback transformer operat-
ing with discontinuous inductor current.
∆I
OMAX is the maxi-
mum change in output current, which is equal to IOMAX–IOMIN.
Since the minimum current is 0.0 A,
∆I
OMAX = IOMAX = 1 A. The
maximum change in control voltage is set by internal circuitry
within the 3845 to
∆V
C = 1 V. The load resistor, RLOAD, is dif-
ferent for the voltage and current loop cases. For the voltage
loop without the battery, the effective load is R4, but for the
current loop, the effective load is RCS. In the current loop, the
voltage limit has not been reached, so the maximum output
voltage is equal to the maximum output current times the load
resistor. Thus, the entire expression under the square root re-
duces to 1.0. Substituting these values into the general equation
for the power stage yields the specific gain values shown for
GM4.
When calculating the loop gain for the voltage loop and the cur-
rent loop, there are two main differences. First, GM2 applies
only to the voltage loop, and GM1 applies only to the current
loop. Use the appropriate GM input stage for the particular
loop calculations. Second, there are three battery conditions to
consider. For the current loop, the battery is present and un-
charged. Thus, the battery is modeled as a very large capaci-
tance (greater than 1 Farad). For the voltage loop, the battery is
amplifiers are represented by voltage controlled current sources,
the optocoupler by a current controlled current source, and the
error amplifier by a voltage controlled voltage source.
Design Criteria
Charging a 6 cell NiCad battery.
Max Battery Stack Voltage: VOMAX = 6
× 1.67 V = 10 V
Max Charge Current:
IOMAX = 1 A
RS Fixed Value:
RS = 20 k
Ω
Pick a value for R1:
R1 = 80.6 k
Ω
Calculated Current Sense
Resistor:
RCS = 0.25
Ω
Calculated Voltage Sense
Divider:
R2 = 20 k
Ω
Output Filter Cap:
CF1 = 1 mF (ESR = 0.1
Ω)
2nd Filter Cap:
CF2 = 200
µF (ESR = 0.2 Ω)
Gain of Each Block
ADP3810/ADP3811
VCS Input:
GM1 = 8.3 mA/V
ADP3810/ADP3811
VSENSE Input:
GM2 = 2.1 mA/V
ADP3810/ADP3811
Output Buffer:
GM3 = 6 mA/V
Optocoupler:
ITXoc = 0.36 mA/mA
Voltage Error Amplifier:
AV2 =
∆V
C/VX = 0.333
Power Stage (General):
GM4 =
∆I
OMAX
∆V
C


VOMAX
IOMAX × RLOAD
Power Stage
(Voltage Loop):
GM4 = 0.091 A/V
Power Stage
(Current Loop):
GM4 = 1.0 A/V
The gains for the ADP3810/ADP3811 GM amplifiers are based
on typical measurements of the IC’s open-loop gain, and they
are expressed in units of milliamps per volt. The dc voltage gain
OPTO COUPLER
ITXOC = 0.36mA/mA
CF
1nF
RF
3.3k
Ω
CF1
1nF
R3
20k
Ω
RCS
0.25
Ω
CC2
0.2µF
RC2
300
Ω
R1
80.6k
Ω
R4
1.2k
Ω
RC1
BATTERY
VSENSE
VCS
COMP
VCTRL
1.0V
80k
Ω
VFB
GM3
6mA/V
GM1
8.3mA/V
2.0V
GM2
2.1mA/V
ADP3810/
ADP3811
COMP
R5
400k
Ω
OUT
R6
200
Ω
+5V
R
VOLTAGE ERROR
AMPLIFIER
AV2 = 0.33V/V
VX
∆V
C
R2
20k
Ω
GM4
POWER
STAGE
CF2
220µF
CC1
2R
VBAT
Figure 31. Block Diagram of the Linearized Feedback Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com