Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV101 Datasheet (PDF) - Analog Devices

ADV101 Datasheet PDF - Analog Devices
Part # ADV101
Download  ADV101 Download
File Size   187.03 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 80 MHz, Triple 8-Bit Video DAC

ADV101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV101 Datasheet PDF - Analog Devices

Part # ADV101
Download  ADV101 Click to download

File Size   187.03 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 80 MHz, Triple 8-Bit Video DAC

ADV101 Datasheet (HTML) - Analog Devices


ADV101 Product details

GENERAL DESCRIPTION
The ADV101 is a digital-to-analog video converter on a single monolithic chip. The part is specifically designed for high resolution color graphics and video systems. It consists of three, high speed, 8-bit, video D/A converters (RGB); a standard TTL input interface and high impedance, analog output, current sources.
   
FEATURES
    80 MHz Pipelined Operation
    Triple 8-Bit D/A Converters
    RS-343A/RS-170 Compatible Outputs
    TTL Compatible Inputs
    +5 V CMOS Monolithic Construction
    40-Pin DIP or 44-Pin PLCC Package
    Plug-In Replacement for BT101
    Power Dissipation: 400 mW
   
APPLICATIONS
    High Resolution Color Graphics
    CAE/CAD/CAM Applications
    Image Processing
    Instrumentation
    Video Signal Reconstruction
    Desktop Publishing
   




Similar Part No. - ADV101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Similar Description - ADV101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV.0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV.0
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com