Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7125 Datasheet (PDF) - Analog Devices

ADV7125 Datasheet PDF - Analog Devices
Part # ADV7125
Download  ADV7125 Download
File Size   264.58 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 330 MHz Triple 8-Bit High Speed Video DAC

ADV7125 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7125 Datasheet PDF - Analog Devices

Part # ADV7125
Download  ADV7125 Click to download

File Size   264.58 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 330 MHz Triple 8-Bit High Speed Video DAC

ADV7125 Datasheet (HTML) - Analog Devices


ADV7125 Product details

GENERAL DESCRIPTION

The ADV7125 (ADV®) is a triple high speed, digital-to-analog converter on a single monolithic chip. It consists of three high speed, 8-bit video DACs with complementary outputs, a standard TTL input interface, and a high impedance, analog output current source. The ADV7125 has three separate 8-bit-wide input ports. A single +5 V/+3.3 V power supply and clock are all that are required to make the part functional.



FEATURES

330 MSPS throughput rate

Triple 8-bit DACs

RS-343A-/RS-170-compatible output

Complementary outputs

DAC output current range: 2.0 mA to 26.5 mA

TTL-compatible inputs

Internal Reference (1.235 V)

Single-supply +5 V/+3.3 V operation

48-lead LQFP and LFCSP packages

Low power dissipation (30 mW minimum @ 3 V)

Low power standby mode (6 mW typical @ 3 V)

Industrial temperature range (−40°C to +85°C)

Pb-free (lead-free) packages

Qualified for automotive applications



APPLICATIONS

Digital video systems

High resolution color graphics

Digital radio modulation

Image processing

Instrumentation

Video signal reconstruction

Automotive infotainment units




Similar Part No. - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
4/16-Rev. C to Rev. D
ADV7125 AD-ADV7125 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
4/16-Rev. C to Rev. D
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Similar Description - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV.B
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
4/16-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com