Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7125 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7125
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7125 Datasheet(HTML) 1 Page - Analog Devices

  ADV7125 Datasheet HTML 1Page - Analog Devices ADV7125 Datasheet HTML 2Page - Analog Devices ADV7125 Datasheet HTML 3Page - Analog Devices ADV7125 Datasheet HTML 4Page - Analog Devices ADV7125 Datasheet HTML 5Page - Analog Devices ADV7125 Datasheet HTML 6Page - Analog Devices ADV7125 Datasheet HTML 7Page - Analog Devices ADV7125 Datasheet HTML 8Page - Analog Devices ADV7125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADV7125
CMOS, 330 MHz
Triple 8-Bit High Speed Video DAC
a
ADV is a registered trademark of Analog Devices, Inc.
FEATURES
330 MSPS Throughput Rate
Triple 8-Bit DACs
RS-343A/RS-170 Compatible Output
Complementary Outputs
DAC Output Current Range 2 to 26 mA
TTL Compatible Inputs
Internal Reference (1.23 V)
Single-Supply 5 V/3.3 V Operation
48-Lead LQFP Package
Low Power Dissipation (30 mW Min @ 3 V)
Low Power Standby Mode (6 mW Typ @ 3 V)
Industrial Temperature Range (–40
°C to +85°C)
APPLICATIONS
Digital Video Systems
High Resolution Color Graphics
Digital Radio Modulation
Image Processing
Instrumentation
Video Signal Reconstruction
FUNCTIONAL BLOCK DIAGRAM
R7–R0
GND
RSET
IOR
IOR
COMP
ADV7125
VREF
VOLTAGE
REFERENCE
CIRCUIT
G7–G0
B7–B0
IOG
IOG
IOB
IOB
PSAVE
POWER-DOWN
MODE
BLANK
SYNC
CLOCK
VAA
DAC
8
DATA
REGISTER
8
DAC
8
DATA
REGISTER
8
DAC
8
DATA
REGISTER
BLANK AND
SYNC LOGIC
8
GENERAL DESCRIPTION
The ADV
®7125 is a triple high speed, digital-to-analog converter
on a single monolithic chip. It consists of three high speed, 8-bit
video DACs with complementary outputs, a standard TTL input
interface, and a high impedance, analog output current source.
The ADV7125 has three separate 8-bit-wide input ports. A single
5 V/3.3 V power supply and clock are all that are required to make
the part functional. The ADV7125 has additional video control
signals, composite
SYNC and BLANK, as well as a power-
save mode.
The ADV7125 is fabricated in a 5 V CMOS process. Its mono-
lithic CMOS construction ensures greater functionality with
lower power dissipation. The ADV7125 is available in a 48-lead
LQFP package.
PRODUCT HIGHLIGHTS
1. 330 MSPS (3.3 V only) throughput
2. Guaranteed monotonic to eight bits
3. Compatible with a wide variety of high resolution color
graphics systems, including RS-343A and RS-170


Similar Part No. - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
4/16-Rev. C to Rev. D
ADV7125 AD-ADV7125 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
4/16-Rev. C to Rev. D
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results

Similar Description - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV.B
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
4/16-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com