Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOC110 Datasheet (PDF) - IXYS Corporation

LOC110 Datasheet PDF - IXYS Corporation
Part # LOC110
Download  LOC110 Download
File Size   123.69 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Single Linear Optocoupler

LOC110 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOC110 Datasheet PDF - IXYS Corporation

Part # LOC110
Download  LOC110 Click to download

File Size   123.69 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Single Linear Optocoupler

LOC110 Datasheet (HTML) - IXYS Corporation


LOC110 Product details

Description
The LOC110 Single Linear Optocoupler features an infrared LED optically coupled with two photodiodes.

Features
• 0.01% Servo Linearity
• THD -87dB Typical
• Wide Bandwidth (>200kHz)
• Couples Analog and Digital Signals
• High Gain Stability
• Low Input/Output Capacitance
• Low Power Consumption
• 8-Pin Flatpack or DIP Package (PCMCIA Compatible)
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available

Applications
• Modem Transformer Replacement With No Insertion Loss
• Digital Telephone Isolation
• Power Supply Feedback Voltage/Current
• Medical Sensor Isolation
• Audio Signal Interfacing
• Isolation of Process Control Transducers




Similar Part No. - LOC110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC110 CLARE-LOC110 Datasheet
139Kb / 6P
Linear Optocouplers
LOC110P CLARE-LOC110P Datasheet
139Kb / 6P
Linear Optocouplers
LOC110PTR CLARE-LOC110PTR Datasheet
139Kb / 6P
Linear Optocouplers
LOC110S CLARE-LOC110S Datasheet
139Kb / 6P
Linear Optocouplers
LOC110STR CLARE-LOC110STR Datasheet
139Kb / 6P
Linear Optocouplers
More results


Similar Description - LOC110

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
LINEAR OPTOCOUPLER
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
Linear Optocoupler
logo
Clare, Inc.
LOC117 CLARE-LOC117 Datasheet
296Kb / 5P
Linear Optocoupler
logo
IXYS Corporation
LOC111 IXYS-LOC111 Datasheet
123Kb / 6P
Linear Optocoupler
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
Linear Optocoupler
LOC117 IXYS-LOC117 Datasheet
123Kb / 6P
Linear Optocoupler
LOC111-G IXYS-LOC111-G Datasheet
123Kb / 6P
Linear Optocoupler
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
Linear Optocoupler
SLC1610 SSOUSA-SLC1610 Datasheet
194Kb / 7P
Linear Optocoupler
logo
Skyworks Solutions Inc.
OLH7000 SKYWORKS-OLH7000 Datasheet
229Kb / 5P
Hermetic Linear Optocoupler
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com