Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL300 Datasheet (PDF) - Siemens Semiconductor Group

IL300 Datasheet PDF - Siemens Semiconductor Group
Part # IL300
Download  IL300 Download
File Size   134.82 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description LINEAR OPTOCOUPLER

IL300 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL300 Datasheet PDF - Siemens Semiconductor Group

Part # IL300
Download  IL300 Click to download

File Size   134.82 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description LINEAR OPTOCOUPLER

IL300 Datasheet (HTML) - Siemens Semiconductor Group


IL300 Product details

DESCRIPTION
The IL300 Linear Optocoupler consists of an AlGaAs IRLED irradiating an isolated feedback and an output PIN photodiode in a bifurcated arrangement. The feedback photodiode captures a percentage of the LEDs flux and generates a control signal (IP1) that can be used to servo the LED drive current. This technique compensates for the LEDs non-linear, time, and temperature characteristics. The output PIN photodiode produces an output signal (IP2) that is linearly related to the servo optical flux created by the LED.

FEATURES
• Couples AC and DC signals
• 0.01% Servo Linearity
• Wide Bandwidth, >200 KHz
• High Gain Stability, ±0.005%/C
• Low Input-Output Capacitance
• Low Power Consumption, < 15mw
• Isolation Test Voltage, 5300 VACRMS, 1 sec.
• Internal Insulation Distance, >0.4 mm for VDE
• Underwriters Lab File #E52744
• VDE Approval #0884 (Optional with Option 1, Add -X001 Suffix)
• IL300G Replaced by IL300-X006

APPLICATIONS
• Power Supply Feedback Voltage/ Current
• Medical Sensor Isolation
• Audio Signal Interfacing
• Isolate Process Control Transducers
• Digital Telephone Isolation




Similar Part No. - IL300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL300 VISHAY-IL300 Datasheet
196Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
26-Oct-04
IL300 VISHAY-IL300 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300 VISHAY-IL300 Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
23-Sep-11
IL300 VISHAY-IL300 Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
02-Jun-14
IL300-DEFG VISHAY-IL300-DEFG Datasheet
196Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
26-Oct-04
More results


Similar Description - IL300

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
Linear Optocoupler
logo
Clare, Inc.
LOC117 CLARE-LOC117 Datasheet
296Kb / 5P
Linear Optocoupler
logo
IXYS Corporation
LOC110 IXYS-LOC110 Datasheet
123Kb / 6P
Single Linear Optocoupler
LOC111 IXYS-LOC111 Datasheet
123Kb / 6P
Linear Optocoupler
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
Linear Optocoupler
LOC117 IXYS-LOC117 Datasheet
123Kb / 6P
Linear Optocoupler
LOC111-G IXYS-LOC111-G Datasheet
123Kb / 6P
Linear Optocoupler
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
Linear Optocoupler
SLC1610 SSOUSA-SLC1610 Datasheet
194Kb / 7P
Linear Optocoupler
logo
Skyworks Solutions Inc.
OLH7000 SKYWORKS-OLH7000 Datasheet
229Kb / 5P
Hermetic Linear Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com